Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BK2535 Datasheet (PDF) - Beken Corporation

BK2535 Datasheet PDF - Beken Corporation
Part # BK2535
Download  BK2535 Download
File Size   3715.08 Kbytes
Page   133 Pages
Manufacturer  BEKEN [Beken Corporation]
Direct Link  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation
Description FLIP51 MCURF

BK2535 Datasheet (PDF)

Go To PDF Page Download Datasheet
BK2535 Datasheet PDF - Beken Corporation

Part # BK2535
Download  BK2535 Click to download

File Size   3715.08 Kbytes
Page   133 Pages
Manufacturer  BEKEN [Beken Corporation]
Direct Link  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation
Description FLIP51 MCURF

BK2535 Datasheet (HTML) - Beken Corporation


BK2535 Product details

Feature
* 1.8 V to 3.6 V power supply
* FLIP51 MCU compatible with 8051
* A 4-stage pipeline architecture that enables to execute most of the
instructions in a single clock cycle.
* 32k bytes FLASH for program
* 256 Bytes IRAM and 2k Bytes SRAM
* Embedded three Timer/Counter
* Support UART I2C SPI interface
* Support AES encryption
* A pseudo random number generator embedded
* Total 40 GPIO available
* The dedicated 2 PWM available and 6 PCA can be used as PWM
* The embedded BIRD (Built-In Real-time Debugger) system for online debug
* 8 channel ADC embedded
* Booster embedded
* Integrated 2.4G RF transceiver
* low power consumption, embedded with 32k RC oscillator




Similar Part No. - BK2535

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
BK250 YAGEO-BK250 Datasheet
600Kb / 10P
Positive Temperature Coefficient (PTC)
Aug. 25, 2023 V.3
BK250-030 YAGEO-BK250-030 Datasheet
600Kb / 10P
Positive Temperature Coefficient (PTC)
Aug. 25, 2023 V.3
BK250-040 YAGEO-BK250-040 Datasheet
600Kb / 10P
Positive Temperature Coefficient (PTC)
Aug. 25, 2023 V.3
BK250-060 YAGEO-BK250-060 Datasheet
600Kb / 10P
Positive Temperature Coefficient (PTC)
Aug. 25, 2023 V.3
BK250-080 YAGEO-BK250-080 Datasheet
600Kb / 10P
Positive Temperature Coefficient (PTC)
Aug. 25, 2023 V.3
More results


Similar Description - BK2535

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R01T3 HOLTEK-HT46R01T3 Datasheet
153Kb / 16P
8-Bit OTP MCU with RF Transmitter
HT66F03T3 HOLTEK-HT66F03T3 Datasheet
152Kb / 14P
8-Bit Flash MCU with RF Transmitter
logo
rfsolutions.ltd
DS-ZULU RFSOLUTIONS-DS-ZULU Datasheet
1,004Kb / 9P
RF Wireless MCU
logo
LAPIS Semiconductor Co....
ML7416N-060 LAPIS-ML7416N-060 Datasheet
847Kb / 69P
Broadband RF Transceiver IC with Built-in MCU
logo
Holtek Semiconductor In...
4XR01T3V130 HOLTEK-4XR01T3V130 Datasheet
153Kb / 16P
8-Bit OTP MCU with RF Transmitter
BC48R2020 HOLTEK-BC48R2020 Datasheet
5Mb / 67P
315/433MHz Remote RF TX 8-Bit OTP MCU
BC66F840 HOLTEK-BC66F840 Datasheet
6Mb / 242P
2.4GHz Flash RF TX/RX MCU
BC68F0031 HOLTEK-BC68F0031 Datasheet
6Mb / 148P
I/O RF Transparent Transmission Flash MCU
BC68F2130 HOLTEK-BC68F2130 Datasheet
8Mb / 148P
Sub-1GHz RF Transmitter Flash MCU
logo
List of Unclassifed Man...
BK2461 ETC2-BK2461 Datasheet
2Mb / 97P
MCURF
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com