Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSM86838 Datasheet (PDF) - Texas Instruments

TPSM86838 Datasheet PDF - Texas Instruments
Part # TPSM86838
Download  TPSM86838 Download
File Size   1418.46 Kbytes
Page   31 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPSM86838 4.5-V to 28-V Input, 8-A Synchronous Buck Power Module

TPSM86838 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPSM86838 Datasheet PDF - Texas Instruments

Part # TPSM86838
Download  TPSM86838 Click to download

File Size   1418.46 Kbytes
Page   31 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPSM86838 4.5-V to 28-V Input, 8-A Synchronous Buck Power Module

TPSM86838 Datasheet (HTML) - Texas Instruments


TPSM86838 Product details

1 Features
• 4.5-V to 28-V input voltage range
• 0.6-V to 5.5-V output voltage range
• 8-A continuous output current capability
• Integrated MOSFETs, inductor, and basic passives
• 0.6-V ±1% reference voltage at 25°C
• D-CAP3™ control mode for fast transient response
• FCCM for pseudo-fixed frequency with lower
output ripple
• Adjustable soft-start time by SS capacitor
• Built-in output discharge function
• Selectable 800-kHz and 1200-kHz switching
frequency
• Power-good indicator to monitor output voltage
• Supports up to 98% duty operation
• Non-latched protections for UV, OV, OT and UVLO
• –40°C to +150°C operating junction temperature
• 19-pin 5.0-mm × 5.5-mm QFN HotRod™ package

2 Applications
• Industrial applications: medical applications,
factory automation and control (IPC, robotics), test
and measurements, pro audio video
• Space constrained POL for 12-V,19-V, 24-V powerbus
applications

3 Description
The TPSM86838 is a high-efficiency, high-voltage
input, easy-to-use synchronous buck power module.
The device integrates power MOSFETs, a shielded
inductor and basic passives, minimizing the design
size.
With the wide operating input voltage range of 4.5
V to 28 V, this module is an excellent choice for
systems powered from 12-V, 19-V, 24-V power-bus
rails. TPSM86838 supports up to 8-A continuous
output current, which output voltage is between 0.6
V and 5.5 V.
The TPSM86838 uses DCAP3 control mode to
provide fast transient response, good line and load
regulation, no requirement for external compensation,
and supports low equivalent series resistance (ESR)
output capacitors like MLCC.
The TPSM86838 operates in forced continuous
conduction mode (FCCM) during light load,
provides complete non-latched OV (Undervoltage),
UV (Undervoltage), OC (Overcurrent), OT
(Overtemperature) and UVLO (Undervoltage lockout)
protections combined with power-good indicator and
output discharge function features.
The TPSM86838 is available in a 19-pin 5.0-mm x
5.5-mm HotRod™ QFN package, and the junction
temperature is specified from –40°C to 150°C.




Similar Part No. - TPSM86838

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM86838 TI1-TPSM86838 Datasheet
1Mb / 31P
TPSM86838 4.5V to 28V Input, 8A Synchronous Buck Power Module
DECEMBER 2023
TPSM86838 TI1-TPSM86838 Datasheet
1Mb / 36P
TPSM8683x 4.5V to 28V Input, 8A Synchronous Buck Power Module
MAY 2024
TPSM86838RCGR TI1-TPSM86838RCGR Datasheet
1Mb / 31P
TPSM86838 4.5V to 28V Input, 8A Synchronous Buck Power Module
DECEMBER 2023
TPSM86838RCGR TI1-TPSM86838RCGR Datasheet
1Mb / 36P
TPSM8683x 4.5V to 28V Input, 8A Synchronous Buck Power Module
MAY 2024
TPSM86838 TI1-TPSM86838_V01 Datasheet
1Mb / 31P
TPSM86838 4.5V to 28V Input, 8A Synchronous Buck Power Module
DECEMBER 2023
More results


Similar Description - TPSM86838

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC462 VISHAY-SIC462 Datasheet
1Mb / 23P
4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
13-Mar-17
SIP12109 VISHAY-SIP12109 Datasheet
317Kb / 17P
4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
16-Dec-13
SIP12110 VISHAY-SIP12110 Datasheet
374Kb / 16P
6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
15-Sep-14
logo
Texas Instruments
TPS56637 TI1-TPS56637 Datasheet
858Kb / 27P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_18 Datasheet
1Mb / 30P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637_1904 TI1-TPS56637_1904 Datasheet
1Mb / 30P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_V01 Datasheet
1Mb / 30P
TPS56637 4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56837 TI-TPS56837 Datasheet
2Mb / 33P
TPS56837 4.5-V to 28-V Input, 8-A Synchronous Buck Converter
MARCH 2023
TPS56837 TI-TPS56837_V01 Datasheet
1Mb / 32P
TPS56837 4.5-V to 28-V Input, 8-A Synchronous Buck Converter
REVISED OCTOBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com