Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2982 Datasheet (PDF) - Allegro MicroSystems

2982 Datasheet PDF - Allegro MicroSystems
Part # 2982
Download  2982 Download
File Size   180.46 Kbytes
Page   10 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description (UDN2981 - UDN2984) 8-CHANNEL SOURCE DRIVERS

2982 Datasheet (PDF)

Go To PDF Page Download Datasheet
2982 Datasheet PDF - Allegro MicroSystems

Part # 2982
Download  2982 Click to download

File Size   180.46 Kbytes
Page   10 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description (UDN2981 - UDN2984) 8-CHANNEL SOURCE DRIVERS

2982 Datasheet (HTML) - Allegro MicroSystems


2982 Product details

FEATURES
- TTL, DTL, PMOS, or CMOS Compatible Inputs
- 500 mA Output Source Current Capability
- Transient-Protected Outputs
- Output Breakdown Voltage to 80 V
- DIP or SOIC Packaging




Similar Part No. - 2982

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2982 ALLEGRO-2982 Datasheet
718Kb / 11P
8-CHANNEL SOURCE DRIVERS
logo
Adafruit Industries
2982 ADAFRUIT-2982 Datasheet
85Kb / 1P
Solid-Core Wire Spool - 25ft - 22AWG - Brown
logo
Keystone Electronics Co...
2982 KEYSTONE-2982 Datasheet
392Kb / 1P
THRU HOLE (THM) & SURFACE MOUNT (SMT) COIN CELL RETAINERS
31-07 20th
logo
Littelfuse
298200 LITTELFUSE-298200 Datasheet
52Kb / 1P
Blade Terminal & Special Purpose Fuses - Low Voltage
logo
PHOENIX CONTACT
2982090 PHOENIX-2982090 Datasheet
105Kb / 6P
Reversing load relay - ELR W1/ 6-24DC
09/12/2020
More results


Similar Description - 2982

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2985 ALLEGRO-2985 Datasheet
145Kb / 4P
8-CHANNEL SOURCE DRIVER
5815 ALLEGRO-5815 Datasheet
157Kb / 6P
BiMOS II 8-BIT LATCHED SOURCE DRIVERS
5890 ALLEGRO-5890 Datasheet
150Kb / 8P
BIMOS II 8-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
logo
Analog Intergrations Co...
AIC2803 AIC-AIC2803 Datasheet
52Kb / 5P
8-CHANNEL DARLINGTON DRIVERS
logo
Allegro MicroSystems
A2981 ALLEGRO-A2981 Datasheet
277Kb / 10P
8-CHANNEL SOURCE DRIVERS
logo
List of Unclassifed Man...
UDN-6510A ETC1-UDN-6510A Datasheet
162Kb / 3P
HIGH-VOLTAGE SOURCE DRIVERS
logo
Allegro MicroSystems
2981 ALLEGRO-2981_07 Datasheet
718Kb / 11P
8-CHANNEL SOURCE DRIVERS
A2982 ALLEGRO-A2982 Datasheet
313Kb / 8P
8-Channel Source Driver
UDN2982 ALLEGRO-UDN2982 Datasheet
351Kb / 8P
8-Channel Source Drivers
UDN2580A ALLEGRO-UDN2580A Datasheet
175Kb / 12P
8-CHANNEL SOURCE DRIVERS
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com