Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2982 Datasheet (PDF) - Adafruit Industries

2982 Datasheet PDF - Adafruit Industries
Part # 2982
Download  2982 Download
File Size   85.55 Kbytes
Page   1 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Solid-Core Wire Spool - 25ft - 22AWG - Brown

2982 Datasheet (PDF)

Go To PDF Page Download Datasheet
2982 Datasheet PDF - Adafruit Industries

Part # 2982
Download  2982 Click to download

File Size   85.55 Kbytes
Page   1 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Solid-Core Wire Spool - 25ft - 22AWG - Brown

2982 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 2982

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2982 ALLEGRO-2982 Datasheet
718Kb / 11P
8-CHANNEL SOURCE DRIVERS
2982 ALLEGRO-2982 Datasheet
180Kb / 10P
(UDN2981 - UDN2984) 8-CHANNEL SOURCE DRIVERS
2000
logo
Keystone Electronics Co...
2982 KEYSTONE-2982 Datasheet
392Kb / 1P
THRU HOLE (THM) & SURFACE MOUNT (SMT) COIN CELL RETAINERS
31-07 20th
logo
Littelfuse
298200 LITTELFUSE-298200 Datasheet
52Kb / 1P
Blade Terminal & Special Purpose Fuses - Low Voltage
logo
PHOENIX CONTACT
2982090 PHOENIX-2982090 Datasheet
105Kb / 6P
Reversing load relay - ELR W1/ 6-24DC
09/12/2020
More results


Similar Description - 2982

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C20032101 GENERAL-C20032101 Datasheet
74Kb / 3P
(C2003) Hook-Up Wire, 24 AWG Solid Tinned Copper, PVC Insulation, Black - 1000 Ft. Spool
logo
List of Unclassifed Man...
85409-0038 ETC2-85409-0038 Datasheet
104Kb / 1P
Cable 22AWG
logo
Mallory Sonalert Produc...
JR28-G-4 MSPI-JR28-G-4 Datasheet
168Kb / 1P
BROWN wire and GREEN wire to Power
JR28-G-D MSPI-JR28-G-D Datasheet
173Kb / 1P
BROWN wire and GREEN wire to Power
JR28-R-4 MSPI-JR28-R-4 Datasheet
168Kb / 1P
BROWN wire and RED wire to Power
JR28-RG-4 MSPI-JR28-RG-4 Datasheet
169Kb / 1P
BROWN wire and GREEN wire to Power
JR28-RG-D MSPI-JR28-RG-D Datasheet
173Kb / 1P
BROWN wire and GREEN wire to Power
JR28-RYG-D MSPI-JR28-RYG-D Datasheet
173Kb / 1P
BROWN wire and GREEN wire to Power
JR28-YG-4 MSPI-JR28-YG-4 Datasheet
169Kb / 1P
BROWN wire and GREEN wire to Power
logo
SparkFun Electronics
PRT-11367 SPARKFUN-PRT-11367 Datasheet
94Kb / 1P
Hook-Up Wire - Assortment (Solid Core, 22 AWG)
3/8/2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com