Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1149129 Datasheet (PDF) - PHOENIX CONTACT

1149129 Datasheet PDF - PHOENIX CONTACT
Part # 1149129
Download  1149129 Download
File Size   449.36 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PC 6/ 2-STL2-7,62 - PCB connector

1149129 Datasheet (PDF)

Go To PDF Page Download Datasheet
1149129 Datasheet PDF - PHOENIX CONTACT

Part # 1149129
Download  1149129 Click to download

File Size   449.36 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PC 6/ 2-STL2-7,62 - PCB connector

1149129 Datasheet (HTML) - PHOENIX CONTACT


1149129 Product details

PCB connector, nominal cross section: 6 mm2, color: green, nominal current: 41 A, rated voltage
(III/2): 1000 V, contact surface: Tin, contact connection type: Socket, number of rows: 1, number
of positions: 2, product range: PC 6/..-STL, pitch: 7.62 mm, connection method: Screw
connection with tension sleeve, screw head form: Z1L Slotted Pozidriv, conductor/PCB
connection direction: 0 °, locking clip: - without locking clip, plug-in system: COMBICON PC 6,
locking: Snap-in locking, mounting: Self-locking flange, type of packaging: packed in cardboard

Your advantages
• Increased touch protection in accordance with IEC/UL 61800-5-1
• Well-known connection principle allows worldwide use
• Allows connection of two conductors
• Low temperature rise, thanks to maximum contact force
• Intuitive locking mechanism prevents accidental disconnection




Similar Part No. - 1149129

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
114912 ADELS-114912 Datasheet
127Kb / 2P
900-07 RZ/12 DS
logo
Weidmuller
1149120000 WEIDMULLER-1149120000 Datasheet
505Kb / 5P
SL 5.08HC/22/180F 3.2SN BK BX
1149120000 WEIDMULLER-1149120000 Datasheet
843Kb / 12P
BLT 5.08HC/22/180F SN OR BX
logo
PHOENIX CONTACT
1149121 PHOENIX-1149121 Datasheet
412Kb / 9P
PC 16 HC/ 2-STL2-10,16 - PCB connector
1149123 PHOENIX-1149123 Datasheet
412Kb / 9P
PC 16 HC/ 3-STL2-10,16 - PCB connector
More results


Similar Description - 1149129

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1190486 PHOENIX-1190486 Datasheet
439Kb / 10P
PCB header - PC 6/ 2-G-7,62 P26THR
Jul 20, 2022
1190535 PHOENIX-1190535 Datasheet
448Kb / 10P
PCB header - PC 6/ 2-GL2-7,62 P26THR
Jul 20, 2022
1192633 PHOENIX-1192633 Datasheet
447Kb / 10P
PCB header - PC 6/ 2-GU-7,62 P26THR
Jul 20, 2022
1192646 PHOENIX-1192646 Datasheet
455Kb / 10P
PCB header - PC 6/ 2-GL2U-7,62 P26THR
Jul 20, 2022
1199929 PHOENIX-1199929 Datasheet
460Kb / 10P
PCB header - PC 6/ 2-G-7,62 P26THRR56
Jul 20, 2022
1044740 PHOENIX-1044740 Datasheet
293Kb / 10P
PCB connector - PC 6/ 2-ST-BUS-7,62
Jan 10, 2023
1149134 PHOENIX-1149134 Datasheet
450Kb / 14P
PC 6/ 6-STL4-7,62 - PCB connector
1149079 PHOENIX-1149079 Datasheet
447Kb / 14P
PC 6/ 2-ST-7,62 - PCB connector
1149088 PHOENIX-1149088 Datasheet
455Kb / 14P
PC 6/ 6-ST-7,62 - PCB connector
1149131 PHOENIX-1149131 Datasheet
452Kb / 14P
PC 6/ 3-STL2-7,62 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com