Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1095A Datasheet (PDF) - Belden Inc.

1095A Datasheet PDF - Belden Inc.
Part # 1095A
Download  1095A Download
File Size   162.59 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 12 Tri #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet

1095A Datasheet (PDF)

Go To PDF Page Download Datasheet
1095A Datasheet PDF - Belden Inc.

Part # 1095A
Download  1095A Click to download

File Size   162.59 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 12 Tri #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet

1095A Datasheet (HTML) - Belden Inc.


1095A Product details

Product Description
UL Instrumentation, 12 Triad 18AWG (7x26) Bare Copper, PVC-NYL Insulation E1 Color Code, Individual & Overall Beldfoil® Shield, Black PVC Outer Jacket,
600V TC-ER 150V NPLF 90C Dry 75C Wet SUN RES DIR BUR




Similar Part No. - 1095A

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
1095 ADAFRUIT-1095 Datasheet
71Kb / 1P
Keyfob 4-Button RF Remote Control - 315MHz
logo
ERNI Electronics
109500 ERNI-109500 Datasheet
28Kb / 1P
MiniMez Vertical Female DIP w/o pegs 4,6mm
logo
RUKO GmbH Präzisionswe...
109500 RUKO-109500 Datasheet
305Kb / 1P
Screw-hole punches with three-point cutting tip
109500K RUKO-109500K Datasheet
305Kb / 1P
Screw-hole punches with three-point cutting tip
logo
ERNI Electronics
109501 ERNI-109501 Datasheet
28Kb / 1P
MiniMez Vertical Female DIP w/o pegs 4,6mm
More results


Similar Description - 1095A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
62P1812 BELDEN-62P1812 Datasheet
153Kb / 2P
Inst, 12 Pr #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
12-20-2022
1093A BELDEN-1093A Datasheet
162Kb / 2P
Inst, 4 Tri #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
12-20-2022
1094A BELDEN-1094A Datasheet
161Kb / 2P
Inst, 8 Tri #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
12-20-2022
3066A BELDEN-3066A Datasheet
166Kb / 3P
Inst, 16 Tri #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
08-09-2023
61T1612 BELDEN-61T1612 Datasheet
147Kb / 2P
Inst, 12 Tri #16 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
12-20-2022
61T1801 BELDEN-61T1801 Datasheet
147Kb / 2P
Inst, 1 Tri #18 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
12-20-2022
62T1612 BELDEN-62T1612 Datasheet
148Kb / 2P
Inst, 12 Tri #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
04-14-2023
62T1804 BELDEN-62T1804 Datasheet
148Kb / 2P
Inst, 4 Tri #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
12-20-2022
62T1808 BELDEN-62T1808 Datasheet
148Kb / 2P
Inst, 8 Tri #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
04-14-2023
62T1812 BELDEN-62T1812 Datasheet
147Kb / 2P
Inst, 12 Tri #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
12-20-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com