Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3066A Datasheet (PDF) - Belden Inc.

3066A Datasheet PDF - Belden Inc.
Part # 3066A
Download  3066A Download
File Size   166.21 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 16 Tri #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet

3066A Datasheet (PDF)

Go To PDF Page Download Datasheet
3066A Datasheet PDF - Belden Inc.

Part # 3066A
Download  3066A Click to download

File Size   166.21 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 16 Tri #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet

3066A Datasheet (HTML) - Belden Inc.


3066A Product details

Product Description
UL Instrumentation, 16 Triad 18AWG (7x26) Bare Copper, PVC-NYL Insulation E1 Color Code, Individual & Overall Beldfoil® Shield, Black PVC Outer Jacket,
600V TC-ER 150V NPLF 90C Dry 75C Wet SUN RES DIR BUR




Similar Part No. - 3066A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3066 ETC2-3066 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
KR Electronics, Inc.
3066 KR-3066 Datasheet
75Kb / 3P
14 MHz Bandpass Filter
logo
Heyco.
3066 HEYCO-3066 Datasheet
117Kb / 1P
Pry Out Plugs
logo
Weidmuller
3066300000 WEIDMULLER-3066300000 Datasheet
298Kb / 5P
BLT 5.08HC/06/180 SN GY BX
logo
Festo Corporation.
30666 FESTO-30666 Datasheet
79Kb / 1P
Cover plate
More results


Similar Description - 3066A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1093A BELDEN-1093A Datasheet
162Kb / 2P
Inst, 4 Tri #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
12-20-2022
62T1602 BELDEN-62T1602 Datasheet
146Kb / 2P
Inst, 2 Tri #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
12-20-2022
1094A BELDEN-1094A Datasheet
161Kb / 2P
Inst, 8 Tri #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
12-20-2022
1095A BELDEN-1095A Datasheet
162Kb / 2P
Inst, 12 Tri #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
12-20-2022
61T1801 BELDEN-61T1801 Datasheet
147Kb / 2P
Inst, 1 Tri #18 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
12-20-2022
62T1604 BELDEN-62T1604 Datasheet
148Kb / 2P
Inst, 4 Tri #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
12-20-2022
62T1612 BELDEN-62T1612 Datasheet
148Kb / 2P
Inst, 12 Tri #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
04-14-2023
62T1804 BELDEN-62T1804 Datasheet
148Kb / 2P
Inst, 4 Tri #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
12-20-2022
62T1808 BELDEN-62T1808 Datasheet
148Kb / 2P
Inst, 8 Tri #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
04-14-2023
62T1812 BELDEN-62T1812 Datasheet
147Kb / 2P
Inst, 12 Tri #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
12-20-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com