Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA892 Datasheet (PDF) - Texas Instruments

OPA892 Datasheet PDF - Texas Instruments
Part # OPA892
Download  OPA892 Download
File Size   1143.98 Kbytes
Page   24 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description OPA892 2-GHz, 10-V/V Stable, 0.95-nV/√Hz, Ultra-Low THD Operational Amplifier

OPA892 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA892 Datasheet PDF - Texas Instruments

Part # OPA892
Download  OPA892 Click to download

File Size   1143.98 Kbytes
Page   24 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description OPA892 2-GHz, 10-V/V Stable, 0.95-nV/√Hz, Ultra-Low THD Operational Amplifier

OPA892 Datasheet (HTML) - Texas Instruments


OPA892 Product details

1 Features
• Ultra-low 0.95-nV/√Hz voltage noise
• High speed:
– 2-GHz gain-bandwidth product
– 700-V/μs slew rate
– 30-ns settling time (0.1%)
• Stable at gains ≥10 V/V
• Output drive, IO = 200 mA (typical)
• Very low distortion:
– THD = –78 dBc (f = 1 MHz, RL = 150 Ω)
– THD+N = –114 dBc (f = 1 kHz, BW = 80 kHz)
• Wide range of power supplies:
– VCC = ±4.5 V to ±18 V
• Offset nulling pins on the OPA892

2 Applications
• Ultrasound scanner
• Source measurement unit (SMU)
• Power quality meter
• Ultrasound Scanners
• Vector signal transceiver (VST)
• Professional audio mixer or control surface
• Professional microphones and wireless systems
• Professional speaker systems
• Professional audio amplifier
• Soundbar
• Turntable
• Professional video camera
• Guitar and other instrument amplifier
• Data acquisition (DAQ)

3 Description
The OPA892 and OPA2892 (OPAx892) are ultra-low
voltage noise, high-speed voltage-feedback amplifiers
that are an excellent choice for applications requiring
low voltage noise, including communication and
imaging. The single-amplifier OPA892 and the dualamplifier
OPA2892 offer very good ac performance
with a 290‑MHz bandwidth, a 700‑V/μs slew rate, and
a 30‑ns settling time (0.1%) for a gain of 10 V/V. The
OPAx892 are stable at gains of 10 or greater and –9
or less. These amplifiers have a high drive capability
of 200 mA and draw only 7.5 mA of supply current
per amplifier. With a total harmonic distortion (THD)
of –68 dBc at f = 1 MHz, the OPAx892 are designed
for applications requiring low distortion. Because the
distortion remains low over a wide range of output
voltages, the OPAx892 is useful in large dynamicrange
applications such as imaging, sonar, and audio.




Similar Part No. - OPA892

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA892 TI1-OPA892 Datasheet
1Mb / 27P
OPAx892 2GHz, 10V/V Stable, 0.95nV/√Hz, Ultra-Low THD Operational Amplifiers
REVISED JULY 2024
OPA892DR TI1-OPA892DR Datasheet
1Mb / 27P
OPAx892 2GHz, 10V/V Stable, 0.95nV/√Hz, Ultra-Low THD Operational Amplifiers
REVISED JULY 2024
OPA892 TI1-OPA892_V01 Datasheet
1Mb / 27P
OPAx892 2GHz, 10V/V Stable, 0.95nV/√Hz, Ultra-Low THD Operational Amplifiers
REVISED JULY 2024
More results


Similar Description - OPA892

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4004-4 AD-ADA4004-4 Datasheet
325Kb / 12P
1.8 nV/root Hz, 36 V Precision Quad Amplifier
7/06-Rev. 0 to Rev. A
ADA4004-1 AD-ADA4004-1 Datasheet
135Kb / 4P
1.8 nV/Hz, 36 V Precision Single and Dual Amplifier
logo
National Semiconductor ...
LMP7731 NSC-LMP7731 Datasheet
709Kb / 20P
2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO, Operational Amplifier
logo
Texas Instruments
OPA2211-HT TI1-OPA2211-HT Datasheet
434Kb / 21P
1.1 nV/Hz Noise, Low Power, Precision Operational Amplifier
OPA2211-HT TI1-OPA2211-HT Datasheet
434Kb / 21P
1.1 nV/ Hz Noise, Low Power, Precision Operational Amplifier
OPA2210 TI1-OPA2210 Datasheet
562Kb / 23P
2.2-nV/?숰z, Precision, Low-Power, 36-V Operational Amplifier
OPA818 TI1-OPA818 Datasheet
641Kb / 27P
2.7-GHz, 13-V, Gain of 7-V/V Stable, FET-Input Operational Amplifier
OPA2210 TI1-OPA2210_V01 Datasheet
1Mb / 32P
OPA2210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifier
OPA2210 TI1-OPA2210_V02 Datasheet
1Mb / 36P
OPA2210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifier
OPA891 TI1-OPA891 Datasheet
1Mb / 30P
OPAx891, 180 MHz, 0.95 nV/√Hz, Ultra-low THD, Operational Amplifiers
NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com