Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA892 Datasheet (PDF) - Texas Instruments

OPA892 Datasheet PDF - Texas Instruments
Part # OPA892
Download  OPA892 Download
File Size   1177.51 Kbytes
Page   27 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description OPAx892 2GHz, 10V/V Stable, 0.95nV/√Hz, Ultra-Low THD Operational Amplifiers

OPA892 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA892 Datasheet PDF - Texas Instruments

Part # OPA892
Download  OPA892 Click to download

File Size   1177.51 Kbytes
Page   27 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description OPAx892 2GHz, 10V/V Stable, 0.95nV/√Hz, Ultra-Low THD Operational Amplifiers

OPA892 Datasheet (HTML) - Texas Instruments


OPA892 Product details

1 Features
• Ultra-low 0.95nV/√Hz voltage noise
• High speed:
– 2GHz gain-bandwidth product
– 700V/μs slew rate
– 30ns settling time (0.1%)
• Stable at gains ≥10V/V
• Output drive, IO = 200mA (typical)
• Very low distortion:
– THD = –78dBc (f = 1MHz, RL = 150Ω)
– THD+N = –114dBc (f = 1kHz, BW = 80kHz)
• Wide range of power supplies:
– VCC = ±4.5V to ±18V
• Offset nulling pins on the OPA892

2 Applications
• Ultrasound scanner
• Source measurement unit (SMU)
• Power quality meter
• Ultrasound scanner
• Vector signal transceiver (VST)
• Professional audio mixer or control surface
• Professional microphones and wireless systems
• Professional speaker systems
• Professional audio amplifier
• Soundbar
• Turntable
• Professional video camera
• Guitar and other instrument amplifier
• Data acquisition (DAQ)

3 Description
The OPA892 and OPA2892 (OPAx892) are ultra-low
voltage noise, high-speed voltage-feedback amplifiers
that are an excellent choice for applications requiring
low voltage noise, including communication and
imaging. The single-amplifier OPA892 and the dualamplifier
OPA2892 offer very good ac performance
with a 290MHz bandwidth, a 700V/μs slew rate, and
a 30ns settling time (0.1%) for a gain of 10V/V. The
OPAx892 are stable at gains of 10 or greater and –9
or less. These amplifiers have a high drive capability
of 200mA and draw only 7.5mA of supply current
per amplifier. With a total harmonic distortion (THD)
of –68dBc at f = 1MHz, the OPAx892 are designed
for applications requiring low distortion. Because the
distortion remains low over a wide range of output
voltages, the OPAx892 is useful in large dynamicrange
applications such as imaging, sonar, and audio.




Similar Part No. - OPA892

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA892 TI1-OPA892 Datasheet
1Mb / 24P
OPA892 2-GHz, 10-V/V Stable, 0.95-nV/√Hz, Ultra-Low THD Operational Amplifier
NOVEMBER 2023
OPA892DR TI1-OPA892DR Datasheet
1Mb / 24P
OPA892 2-GHz, 10-V/V Stable, 0.95-nV/√Hz, Ultra-Low THD Operational Amplifier
NOVEMBER 2023
More results


Similar Description - OPA892

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2075C ELANTEC-EL2075C Datasheet
466Kb / 11P
2GHz GBWP Gain-of-10 Stable Operational Amplifier
logo
Texas Instruments
LP358 TI-LP358 Datasheet
144Kb / 6P
ULTRA-LOW-POWER DUAL OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
EL2075 INTERSIL-EL2075 Datasheet
174Kb / 8P
2GHz GBWP Gain-of-10 Stable Operational Amplifier
September 26, 2001
logo
Texas Instruments
LP324_101 TI-LP324_101 Datasheet
411Kb / 12P
ULTRA-LOW-POWER QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Rohm
BU7265G_1012 ROHM-BU7265G_1012 Datasheet
596Kb / 29P
Ultra Low Power CMOS Operational Amplifiers
logo
Texas Instruments
OPA27CZ TI-OPA27CZ Datasheet
956Kb / 22P
Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
OPA27FJ TI-OPA27FJ Datasheet
956Kb / 22P
Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
logo
Rohm
BU7265G ROHM-BU7265G_13 Datasheet
867Kb / 37P
Ultra Low Power CMOS Operational Amplifiers
logo
Texas Instruments
OPA891 TI1-OPA891 Datasheet
1Mb / 30P
OPAx891, 180 MHz, 0.95 nV/√Hz, Ultra-low THD, Operational Amplifiers
NOVEMBER 2023
OPA892 TI1-OPA892 Datasheet
1Mb / 24P
OPA892 2-GHz, 10-V/V Stable, 0.95-nV/√Hz, Ultra-Low THD Operational Amplifier
NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com