Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS613771RYHR Datasheet (PDF) - Texas Instruments

TPS613771RYHR Datasheet PDF - Texas Instruments
Part # TPS613771RYHR
Download  TPS613771RYHR Download
File Size   2987.06 Kbytes
Page   31 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS61377 23-VIN, 25-VOUT, 6-A, Synchronous Boost Converter with Programmable Peak Current Limit

TPS613771RYHR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS613771RYHR Datasheet PDF - Texas Instruments

Part # TPS613771RYHR
Download  TPS613771RYHR Click to download

File Size   2987.06 Kbytes
Page   31 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS61377 23-VIN, 25-VOUT, 6-A, Synchronous Boost Converter with Programmable Peak Current Limit

TPS613771RYHR Datasheet (HTML) - Texas Instruments


TPS613771RYHR Product details

1 Features
• Wide input voltage and output voltage range
– Input voltage range: 2.9 V to 23 V
– Output voltage range: 4.5 V to 25 V
• Programmable peak current limit from 1.5 A to 6 A
• Switching frequency
– TPS61377: 650 kHz
– TPS613771: 1.2 MHz
• High efficiency and power capability
– 6 A peak switching current limit
– Low-side FET: 50 mΩ, High-side FET: 40 mΩ
– Up to 95.3% efficiency at VIN = 9 V, VOUT = 16
V, and IOUT = 2.0 A
– Up to 96.0% efficiency at VIN = 12 V, VOUT = 24
V, and IOUT = 1.5 A
• Extend the system operating time
– Typical 70 μA quiescent current
– Maximum 1.25 μA shutdown current
– Selectable auto PFM and forced PWM mode
• Safety and robust operation features
– Output overvoltage protection
– Cycle-by-cycle overcurrent protection
– Thermal shutdown
• Precise EN/UVLO threshold
• External loop compensation
• 2.5-mm × 2.0-mm HotRod™ Lite VQFN package

2 Applications
• 3.3 VIN, 5 VIN to 12 VOUT, 24 VOUT power
conversion
• Industrial power systems
• Appliances

3 Description
The TPS61377 is a high-voltage synchronous boost
converter with a 50-mΩ low-side power switch and
a 40-mΩ high-side rectifier switch to provide a high
efficiency and small size solution. The TPS61377 has
a wide input voltage range of 2.9 V to 23 V and the
output voltage covers up to 25 V with 6-A switching
current capability.
The TPS61377 uses an adaptive constant off-time
peak current control topology to regulate the output
voltage. Under moderate to heavy load condition, the
TPS61377 operates in pulse width modulation (PWM)
mode. At light load, the device has two operating
modes that can be selected via the MODE pin. One is
pulse frequency modulation (PFM) mode to improve
light-load efficiency, and the other is forced PWM
mode to avoid audible noise and other application
problems caused by low switching frequency.
The TPS61377 implements a soft-start function and a
programmable peak switching current limit function.
The TPS61377 also provides output overvoltage
protection, cycle-by-cycle overcurrent protection, and
thermal shutdown protection.
The TPS61377 offers a very small solution size with a
2.5-mm × 2.0-mm HotRod™ Lite VQFN package.




Similar Part No. - TPS613771RYHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61371 TI2-TPS61371 Datasheet
1Mb / 38P
TPS61371 16V, 3.8A Synchronous Boost With Load Disconnect
APRIL 2026
TPS61371VARR TI2-TPS61371VARR Datasheet
1Mb / 38P
TPS61371 16V, 3.8A Synchronous Boost With Load Disconnect
APRIL 2026
TPS61372 TI1-TPS61372 Datasheet
805Kb / 35P
16-V, 3.6-A Synchronous Boost with Load Disconnect
TPS61372 TI1-TPS61372 Datasheet
1Mb / 29P
16-V, 3.8-A Synchronous Boost With Load Disconnect
TPS61372L TI2-TPS61372L Datasheet
1Mb / 32P
TPS61372L 16V, 3.8A Synchronous Boost With Load Disconnect
REVISED JUNE 2025
More results


Similar Description - TPS613771RYHR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1316 LINER-LT1316 Datasheet
344Kb / 16P
Micropower DC/DC Converter with Programmable Peak Current Limit
LTC3127 LINER-LTC3127 Datasheet
371Kb / 20P
1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
logo
Monolithic Power System...
MP2115 MPS-MP2115 Datasheet
461Kb / 11P
2A Synchronous Step-Down Converter with Programmable Input Current Limit
logo
Linear Technology
LT1316 LINER-LT1316_15 Datasheet
311Kb / 16P
Micropower DC/DC Converter with Programmable Peak Current Limit
LTC3127 LINER-LTC3127_15 Datasheet
376Kb / 20P
1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
logo
Monolithic Power System...
MP2110 MPS-MP2110 Datasheet
619Kb / 15P
3A Synchronous Step-Down Converter with Programmable Input Current Limit
MP3431 MPS-MP3431 Datasheet
973Kb / 25P
21A, High-Efficiency, Fully Integrated, Synchronous, Boost Converter with Programmable Input Current Limit
logo
Texas Instruments
TPS61376 TI-TPS61376 Datasheet
730Kb / 7P
TPS61376 23-VIN, 25-VOUT, 4.5-A, Boost Converter with Input Average Current Limit and Load Disconnect
JANUARY 2022
TPS61376 TI-TPS61376_V01 Datasheet
2Mb / 27P
TPS61376 23-VIN, 25-VOUT, 4.5-A, Boost Converter with up to ±2.5% accuracy Input Average Current Limit and True Load Disconnection
REVISED SEPTEMBER 2022
LM51231-Q1 TI-LM51231-Q1 Datasheet
1Mb / 42P
LM51231-Q1 2.2-MHz Wide VIN Synchronous Boost Controller with VOUT Tracking
OCTOBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com