Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF398FE Datasheet (PDF) - NXP Semiconductors

LF398FE Datasheet PDF - NXP Semiconductors
Part # LF398FE
Download  LF398FE Download
File Size   129.16 Kbytes
Page   5 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Sample-and-hold amplifiers

LF398FE Datasheet (PDF)

Go To PDF Page Download Datasheet
LF398FE Datasheet PDF - NXP Semiconductors

Part # LF398FE
Download  LF398FE Click to download

File Size   129.16 Kbytes
Page   5 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Sample-and-hold amplifiers

LF398FE Datasheet (HTML) - NXP Semiconductors


LF398FE Product details

DESCRIPTION
The LF198/LF298/LF398 are monolithic sample-and-hold circuits which utilize high-voltage ion-implant JFET technology to obtain ultra-high DC accuracy with fast acquisition of signal and low droop rate. Operating as a unity gain follower, DC gain accuracy is 0.002% typical and acquisition time is as low as 6µs to 0.01%. A bipolar input stage is used to achieve low offset voltage and wide bandwidth. Input offset adjust is accomplished with a single pin and does not degrade input offset drift. The wide bandwidth allows the LF198 to be included inside the feedback loop of 1MHz op amps without having stability problems. Input impedance of 10‛°Ω allows high source impedances to be used without degrading accuracy.

FEATURES
• Operates from ±5V to ±18V supplies
• Less than 10µs acquisition time
• TTL, PMOS, CMOS compatible logic input
• 0.5mV typical hold step at CH=0.01µF
• Low input offset
• 0.002% gain accuracy
• Low output noise in hold mode
• Input characteristics do not change during hold mode
• High supply rejection ratio in sample or hold
• Wide bandwidth

APPLICATION
• The LF198/LF298/LF398 are ideally suited for a wide variety of sample-and-hold applications, including data acquisition, analog-to-digital conversion, synchronous demodulation, and automatic test setup




Similar Part No. - LF398FE

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF398 NSC-LF398 Datasheet
520Kb / 13P
Monolithic Sample-and-Hold Circuits
logo
Linear Technology
LF398 LINER-LF398 Datasheet
1Mb / 16P
Precision Sample and Hold Amplifier
LF398 LINER-LF398 Datasheet
144Kb / 2P
Precision Sample and Hold Amplifier?
logo
List of Unclassifed Man...
LF398 ETC-LF398 Datasheet
257Kb / 7P
MONOLITHIC SAMPLE AND HOLD CIRCUITS
logo
Texas Instruments
LF398 TI1-LF398 Datasheet
564Kb / 15P
LF198/LF298/LF398, LF198A/LF398A Monolithic Sample-and-Hold Circuits
More results


Similar Description - LF398FE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SHA4 AD-SHA4_15 Datasheet
1Mb / 4P
SAMPLE AND HOLD AMPLIFIERS
logo
DATEL, Inc.
MSH-840 DATEL-MSH-840 Datasheet
102Kb / 1P
Sample and Hold Amplifiers
SHM-49MC DATEL-SHM-49MC Datasheet
103Kb / 1P
Sample and Hold Amplifiers
SHM-49MC-C DATEL-SHM-49MC-C Datasheet
103Kb / 1P
Sample and Hold Amplifiers
SHM-49ME-C DATEL-SHM-49ME-C Datasheet
103Kb / 1P
Sample and Hold Amplifiers
SHM-14883 DATEL-SHM-14883 Datasheet
104Kb / 1P
Sample and Hold Amplifiers
SHM-50GC-C DATEL-SHM-50GC-C Datasheet
104Kb / 1P
Sample and Hold Amplifiers
SHM-50GE-C DATEL-SHM-50GE-C Datasheet
103Kb / 1P
Sample and Hold Amplifiers
SHM-50MM DATEL-SHM-50MM Datasheet
103Kb / 1P
Sample and Hold Amplifiers
SHM-950GC DATEL-SHM-950GC Datasheet
104Kb / 1P
Sample and Hold Amplifiers
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com