Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF398FE Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LF398FE
Description  Sample-and-hold amplifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LF398FE Datasheet(HTML) 2 Page - NXP Semiconductors

  LF398FE Datasheet HTML 1Page - NXP Semiconductors LF398FE Datasheet HTML 2Page - NXP Semiconductors LF398FE Datasheet HTML 3Page - NXP Semiconductors LF398FE Datasheet HTML 4Page - NXP Semiconductors LF398FE Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Philips Semiconductors Linear Products
Product specification
LF198/LF298/LF398
Sample-and-hold amplifiers
August 31, 1994
880
FUNCTIONAL DIAGRAM
OFFSET
INPUT
LOGIC
LOGIC
REFERENCE
HOLD
CAPACITOR
OUTPUT
30k
300
3
8
7
6
5
–
+
TYPICAL APPLICATIONS
OUTPUT
INPUT
LOGIC
ANALOG INPUT
SAMPLE 5V
HOLD 0V
S/H
3
8
7
6
5
4
1
V+
V–
Ch
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNIT
VS
Supply voltage
±18
V
Maximum power dissipation
TA=25°C (still-air)3
F package
780
mW
N package
1160
mW
D package
1040
mW
TA
Operating ambient temperature range
LF198
-55 to +125
°C
LF298
-25 to +85
°C
LF398
0 to +70
°C
TSTG
Storage temperature range
-65 to +150
°C
VIN
Input voltage
Equal to
supply voltage
Logic-to-logic reference differential
voltage2
+7, -30
V
Output short-circuit duration
Indefinite
Hold capacitor short-circuit duration
10
sec
TSOLD
Lead soldering temperature (10sec max)
300
°C
NOTES:
1. The maximum junction temperature of the LF398 is 150
°C. When operating at elevated ambient temperature, the packages must be derated
based on the thermal resistance specified.
2. Although the differential voltage may not exceed the limits given, the common-mode voltage on the logic pins must always be at least 2V
below the positive supply and 3V above the negative supply.
3. Derate above 25
°C, at the following rates:
F package at 6.2mW/
°C
N package at 9.3mW/
°C
D package at 8.3mW/
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com