Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD24VS2UT Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

PESD24VS2UT Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # PESD24VS2UT
Download  PESD24VS2UT Download
File Size   555.77 Kbytes
Page   4 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 300 W peak pulse power (tp = 8/20μs)

PESD24VS2UT Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD24VS2UT Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # PESD24VS2UT
Download  PESD24VS2UT Click to download

File Size   555.77 Kbytes
Page   4 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 300 W peak pulse power (tp = 8/20μs)

PESD24VS2UT Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


PESD24VS2UT Product details

Features
300 W peak pulse power (tp = 8/20μs)
Bidirectional and unidirectionalconfigurations
Solid-state silicon-avalanche technology
Low clamping voltage
Low leakage current
IEC 61000-4-2 ±30kV contact ±30kV air
IEC 61000-4-4 (EFT) 40A(5/50ns)
IEC 61000-4-5 (Lightning) 6A(8/20μs)
Applications
Dataline
Automatic Teller Machines
Net works
Power line




Similar Part No. - PESD24VS2UT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD24VS2UT PHILIPS-PESD24VS2UT Datasheet
123Kb / 13P
Double ESD protection diodes in SOT23 package
2004 Apr 15
PESD24VS2UT PHILIPS-PESD24VS2UT Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PESD24VS2UT NXP-PESD24VS2UT Datasheet
235Kb / 13P
Double ESD protection diodes in SOT23 package
2004 Apr 15
PESD24VS2UT PHILIPS-PESD24VS2UT Datasheet
235Kb / 13P
Double ESD protection diodes in SOT23 package
2004 Apr 15
logo
Nexperia B.V. All right...
PESD24VS2UT NEXPERIA-PESD24VS2UT Datasheet
250Kb / 14P
Double ESD protection diodes in SOT23 package
2004 Apr 15
More results


Similar Description - PESD24VS2UT

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
PESD15VS2UT UMW-PESD15VS2UT Datasheet
589Kb / 4P
350 W peak pulse power (tp = 8/20μs
PESD2CAN UMW-PESD2CAN Datasheet
310Kb / 4P
250 W peak pulse power (tp =8/20μs)
PESD3V3L1UA UMW-PESD3V3L1UA Datasheet
615Kb / 4P
300Watts peak pulse power (tp = 8/20μs)
PESD3V3L2BT UMW-PESD3V3L2BT Datasheet
402Kb / 3P
400 peak pulse power (tp =8/20μs)
PESD3V3S2UT UMW-PESD3V3S2UT Datasheet
502Kb / 4P
350 W peak pulse power (tp = 8/20μs)
PESD5V0L2BT UMW-PESD5V0L2BT Datasheet
303Kb / 3P
350W peak pulse power (tp=8/20μs)
PESD5V0S2BT UMW-PESD5V0S2BT Datasheet
621Kb / 4P
300 W peak pulse power (tp = 8/20μs)
PESD5V2S2UT UMW-PESD5V2S2UT Datasheet
492Kb / 4P
300 W peak pulse power (tp = 8/20μs)
PRTR5V0U2X UMW-PRTR5V0U2X Datasheet
340Kb / 3P
40W peak pulse power (tp = 8/20μs)
TPD1E05U06D UMW-TPD1E05U06D Datasheet
489Kb / 3P
45W peak pulse power (tp = 8/20μs)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com