Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD3V3S1UB Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

PESD3V3S1UB Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # PESD3V3S1UB
Download  PESD3V3S1UB Download
File Size   382.28 Kbytes
Page   7 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Unidirectional ESD protection of one line

PESD3V3S1UB Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD3V3S1UB Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # PESD3V3S1UB
Download  PESD3V3S1UB Click to download

File Size   382.28 Kbytes
Page   7 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Unidirectional ESD protection of one line

PESD3V3S1UB Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


PESD3V3S1UB Product details

General description
Unidirectional ESD protection diode in
a SOD523 plastic package designed
to protect one transmission or data
line from the damage caused by ESD
(ElectroStatic Discharge) and other
transients.

Features
Unidirectional ESD protection of one line
Max. peak pulse power: PPP = 330 W at tp = 8/20 ms
Low clamping voltage: VCL = 20 V at IPP = 18 A
Ultra low leakage current: IRM < 700 nA
ESD protection > 23 kV
IEC 61000-4-2, level 4 (ESD)
IEC 61000-4-5 (surge); IPP = 18 A at tp = 8/20 ms

Applications
Computers and peripherals
Communication systems
Audio and video equipment
Data lines
CAN bus protection




Similar Part No. - PESD3V3S1UB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD3V3S1UB PHILIPS-PESD3V3S1UB Datasheet
111Kb / 15P
ESD protection diodes in SOD 523 package
Rev. 01-14 June 2004
PESD3V3S1UB NXP-PESD3V3S1UB Datasheet
123Kb / 15P
ESD protection diodes in SOD523 package
Rev. 02-24 August 2009
logo
Nexperia B.V. All right...
PESD3V3S1UB NEXPERIA-PESD3V3S1UB Datasheet
226Kb / 12P
ESD protection diode in SOD523 package
11 April 2023
PESD3V3S1UB-Q NEXPERIA-PESD3V3S1UB-Q Datasheet
225Kb / 12P
ESD protection diode in SOD523 package
31 May 2022
More results


Similar Description - PESD3V3S1UB

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJEC3V3M1FN2 PANJIT-PJEC3V3M1FN2 Datasheet
141Kb / 5P
Bidirectional ESD protection of one line
PJEC5V0V3FN2B PANJIT-PJEC5V0V3FN2B Datasheet
158Kb / 5P
Bidirectional ESD protection of one line
PJEC3V3M3FN2 PANJIT-PJEC3V3M3FN2 Datasheet
214Kb / 6P
ESD Protection, Bidirectional ESD protection of one line
PJEC12VM1TA-AU PANJIT-PJEC12VM1TA-AU Datasheet
225Kb / 6P
Bidirectional ESD protection of one line
PJEC2415VM1WS-AU PANJIT-PJEC2415VM1WS-AU Datasheet
286Kb / 6P
Bidirectional ESD protection of one line
logo
Guangdong Youtai Semico...
PESD24VS1UA UMW-PESD24VS1UA Datasheet
542Kb / 4P
Unidirectional ESD protection of one line
PESD3V3L1UB UMW-PESD3V3L1UB Datasheet
389Kb / 4P
Unidirectional ESD protection of one line
PESD5V0F1BL UMW-PESD5V0F1BL Datasheet
476Kb / 5P
Bidirectional ESD protection of one line
PESD5V0L1UA UMW-PESD5V0L1UA Datasheet
414Kb / 5P
Unidirectional ESD protection of one line
PESD5V0V1BX UMW-PESD5V0V1BX Datasheet
614Kb / 5P
Bidirectional ESD protection of one line
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com