Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD30NF06 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

STD30NF06 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # STD30NF06
Download  STD30NF06 Download
File Size   1189.26 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 60V N-Channel Enhancement Mode Power MOSFET

STD30NF06 Datasheet (PDF)

Go To PDF Page Download Datasheet
STD30NF06 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # STD30NF06
Download  STD30NF06 Click to download

File Size   1189.26 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 60V N-Channel Enhancement Mode Power MOSFET

STD30NF06 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


STD30NF06 Product details

General Description
The STD30NF06 uses advanced trench technology and
design to provide excellent RDS(ON) with low gate charge.
It can be used in a wide variety of applications.
Features
VDS = 60V,ID =30A
RDS(ON),23mΩ(Typ) @ VGS =10V
RDS(ON),29mΩ(Typ) @ VGS =4.5V
Advanced Trench Technology
Excellent RDS(ON) and Low Gate Charge
Lead free product is acquired
Application
Load Switch
PWM Application
Power management




Similar Part No. - STD30NF06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD30NF06 STMICROELECTRONICS-STD30NF06 Datasheet
457Kb / 10P
N-CHANNEL 60V - 0.020 ohm - 28A IPAK/DPAK STripFET™ II POWER MOSFET
Mar-2002
logo
EVER SEMICONDUCTOR CO.,...
STD30NF06 EVVOSEMI-STD30NF06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
Rev:2023A2
logo
VBsemi Electronics Co.,...
STD30NF06-1 VBSEMI-STD30NF06-1 Datasheet
963Kb / 7P
N-Channel 60 V (D-S) MOSFET
logo
STMicroelectronics
STD30NF06L STMICROELECTRONICS-STD30NF06L Datasheet
461Kb / 10P
N-CHANNEL 60V - 0.022Ω - 35A DPAK/IPAK STripFET™ POWER MOSFET
Jul-2002
logo
EVER SEMICONDUCTOR CO.,...
STD30NF06L EVVOSEMI-STD30NF06L Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
Rev:2023A2
More results


Similar Description - STD30NF06

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
60V N-Channel Enhancement Mode MOSFET
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
60V N-Channel Enhancement Mode MOSFET
logo
Guangdong Youtai Semico...
20N06 UMW-20N06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
30N06 UMW-30N06 Datasheet
1Mb / 7P
60V N-Channel Enhancement Mode Power MOSFET
40N06 UMW-40N06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
50N06 UMW-50N06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
IRLR2905TR UMW-IRLR2905TR Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
STD35NF06 UMW-STD35NF06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com