Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD35NF06L Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

STD35NF06L Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # STD35NF06L
Download  STD35NF06L Download
File Size   1219.1 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 60V N-Channel Enhancement Mode Power MOSFET

STD35NF06L Datasheet (PDF)

Go To PDF Page Download Datasheet
STD35NF06L Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # STD35NF06L
Download  STD35NF06L Click to download

File Size   1219.1 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 60V N-Channel Enhancement Mode Power MOSFET

STD35NF06L Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


STD35NF06L Product details

General Description
The STD35NF06 uses advanced trench technology and
design to provide excellent RDS(ON) wi th low ga te cha rg
e. It ca n be used in a wide variety of applications.
Features
VDS = 60V,ID =35A
RDS(ON),20mΩ(Typ) @ VGS =10V
RDS(ON),16mΩ(Typ) @ VGS =4.5V
Advanced Trench Technology
Excellent RDS(ON) and Low Gate Charge
Lead free product is acquired
Application
Load Switch
PWM Application
Power management




Similar Part No. - STD35NF06L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD35NF06L STMICROELECTRONICS-STD35NF06L Datasheet
431Kb / 9P
N-CHANNEL 60V - 0.014ohm - 35A DPAK STripFET?줚I MOSFET
Nov-2003
logo
EVER SEMICONDUCTOR CO.,...
STD35NF06L EVVOSEMI-STD35NF06L Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
Rev:2023A2
logo
STMicroelectronics
STD35NF06LT4 STMICROELECTRONICS-STD35NF06LT4 Datasheet
431Kb / 9P
N-CHANNEL 60V - 0.014ohm - 35A DPAK STripFET?줚I MOSFET
Nov-2003
logo
VBsemi Electronics Co.,...
STD35NF06LT4 VBSEMI-STD35NF06LT4 Datasheet
989Kb / 7P
N-Channel 60 V (D-S) MOSFET
logo
STMicroelectronics
STD35NF06LT4 STMICROELECTRONICS-STD35NF06LT4 Datasheet
650Kb / 14P
N-channel 60 V, 0.014 Ω, 35 A STripFET™ II Power MOSFET in a DPAK package
19-Apr-2012
More results


Similar Description - STD35NF06L

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
60V N-Channel Enhancement Mode MOSFET
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
60V N-Channel Enhancement Mode MOSFET
logo
Guangdong Youtai Semico...
20N06 UMW-20N06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
30N06 UMW-30N06 Datasheet
1Mb / 7P
60V N-Channel Enhancement Mode Power MOSFET
40N06 UMW-40N06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
50N06 UMW-50N06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
IRLR2905TR UMW-IRLR2905TR Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
STD30NF06L UMW-STD30NF06L Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com