Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1084 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

1084 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # 1084
Download  1084 Download
File Size   1743.42 Kbytes
Page   11 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 5A LDO regulator circuit

1084 Datasheet (PDF)

Go To PDF Page Download Datasheet
1084 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # 1084
Download  1084 Click to download

File Size   1743.42 Kbytes
Page   11 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 5A LDO regulator circuit

1084 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


1084 Product details

Features
* Fixed output voltages of 1.5V, 1.8V, 2.5V, 3.3V, 5.0V and adjustable versions with voltage accuracy of 1.5%
* Low dropout voltage: only 1.5V dropout voltage at 5A output current
* Current limit: 6.5A
* Overheating protection function
* Linear adjustment rate: 0.015% (adjustable version: typical value)
* Load regulation: 0.1% (adjustable version: typical)
* Temperature range: 0 ~ 125°C




Similar Part No. - 1084

ManufacturerPart #DatasheetDescription
logo
Ashcroft, Inc.
1084 ASHCROFT-1084 Datasheet
1Mb / 2P
1084 Test Gauge
RevC_12-02-22
logo
Adafruit Industries
1084 ADAFRUIT-1084 Datasheet
120Kb / 2P
Mechanical Decade Counters - Small Size - Pack of 5
5-5-17
logo
Analog Intergrations Co...
1084-18CE AIC-1084-18CE Datasheet
104Kb / 6P
5A Low Dropout Positive Adjustable Regulator
logo
Festo Corporation.
10840 FESTO-10840 Datasheet
93Kb / 2P
Pneumatic valve
logo
Heyco.
10840 HEYCO-10840 Datasheet
115Kb / 1P
Nylon PCB Supports - Imperial Spacing
More results


Similar Description - 1084

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L1084S5 ETC-L1084S5 Datasheet
46Kb / 4P
5A Adjustable Low Dropout Linear Regulator (LDO)
logo
Avic Technology
AV1084 AVICTEK-AV1084 Datasheet
9Mb / 8P
5A Adjustable Low Dropout Linear Regulator (LDO)
logo
Micrel Semiconductor
MIC37500 MICREL-MIC37500 Datasheet
46Kb / 8P
5A, Low voltage uCap LDO REgulator
logo
List of Unclassifed Man...
L1084 ETC-L1084 Datasheet
232Kb / 8P
5A Adjustable Low Dropout Linear Regulator (LDO)
L1084-3.3 ETC2-L1084-3.3 Datasheet
150Kb / 7P
5A Fixed Low Dropout Linear Regulator (LDO)
L1084XG ETC2-L1084XG Datasheet
145Kb / 7P
5A Adjustable Low Dropout Linear Regulator (LDO)
logo
Silan Microelectronics ...
SA1084 SILAN-SA1084 Datasheet
451Kb / 10P
5A LDO VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC29510 MICREL-MIC29510_06 Datasheet
315Kb / 10P
5A Fast-Response LDO Regulator
logo
Advanced Monolithic Sys...
AMS1084 AMS-AMS1084 Datasheet
1Mb / 11P
5A LDO VOLTAGE REGULATOR
logo
AiT Semiconductor Inc.
A1084 AITSEMI-A1084 Datasheet
905Kb / 13P
BIPOLAR LDO REGULATOR 5A BIPOLAR LINEAR REGULATOR
REV1.3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com