Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQPF12N60C Datasheet (PDF) - Inchange Semiconductor Company Limited

FQPF12N60C Datasheet PDF - Inchange Semiconductor Company Limited
Part # FQPF12N60C
Download  FQPF12N60C Download
File Size   303.02 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

FQPF12N60C Datasheet (PDF)

Go To PDF Page Download Datasheet
FQPF12N60C Datasheet PDF - Inchange Semiconductor Company Limited

Part # FQPF12N60C
Download  FQPF12N60C Click to download

File Size   303.02 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

FQPF12N60C Datasheet (HTML) - Inchange Semiconductor Company Limited


FQPF12N60C Product details

FEATURES
·Drain Current -ID=12A@ TC=25℃
·Drain Source Voltage -VDSS=600V(Min)
·Static Drain-Source On-Resistance
-RDS(on) =0.65Ω(Max)@VGS= 10V
DESCRIPTION
·Motor drive, DC-DC converter, power switch
and solenoid drive.




Similar Part No. - FQPF12N60C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQPF12N60C FAIRCHILD-FQPF12N60C Datasheet
873Kb / 10P
FQP12N60C/FQPF12N60C
FQPF12N60C FAIRCHILD-FQPF12N60C Datasheet
1Mb / 10P
600V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
FQPF12N60C KERSEMI-FQPF12N60C Datasheet
1Mb / 9P
600V N-Channel MOSFET
logo
Fairchild Semiconductor
FQPF12N60C FAIRCHILD-FQPF12N60C Datasheet
1Mb / 10P
600V N-Channel MOSFET
FQPF12N60CT FAIRCHILD-FQPF12N60CT Datasheet
804Kb / 8P
600V N-Channel MOSFET
More results


Similar Description - FQPF12N60C

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com