Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUD-150SXXXBVA Datasheet (PDF) - Inventronics Inc.

EUD-150SXXXBVA Datasheet PDF - Inventronics Inc.
Part # EUD-150SXXXBVA
Download  EUD-150SXXXBVA Download
File Size   1863.97 Kbytes
Page   13 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 150W Programmable IP67 Driver

EUD-150SXXXBVA Datasheet (PDF)

Go To PDF Page Download Datasheet
EUD-150SXXXBVA Datasheet PDF - Inventronics Inc.

Part # EUD-150SXXXBVA
Download  EUD-150SXXXBVA Click to download

File Size   1863.97 Kbytes
Page   13 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 150W Programmable IP67 Driver

EUD-150SXXXBVA Datasheet (HTML) - Inventronics Inc.


EUD-150SXXXBVA Product details

Features
 Ultra High Efficiency (Up to 94%)
 Full Power at Wide Output Current Range (Constant Power)
 Thermal Sensing and Protection for LED Module
 0-10V/PWM/3-Timer-Modes Dimmable (DVA models)
DALI Dimming Control (BVA models)
 Dim-to-Off with Standby Power ≤ 0.5W
 Always-on Auxiliary Power: 12Vdc, 200mA (Transient Peak
Current up to 400mA)
 Output Lumen Compensation (DVA models)
 Input Surge Protection: DM 6kV, CM 10kV
 All-Around Protection: OVP, SCP, OTP
 IP67
 SELV Output
 7 Years Warranty

Description
The EUD-150SxxxDVA(BVA) series is a 150W, constant-current, programmable LED driver that operates from
90-305 Vac input with excellent power factor. Created for many lighting applications including high bay, tunnel
and roadway, etc. It provides a dim-to-off mode with low standby power. The high efficiency of these drivers and
compact metal case enables them to run cooler, significantly improving reliability and extending product life. To
ensure trouble-free operation, protection is provided against input surge, output over voltage, short circuit, and
over temperature.




Similar Part No. - EUD-150SXXXBVA

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUD-150SXXXBV INVENTRONICS-EUD-150SXXXBV Datasheet
479Kb / 10P
150W Programmable IP67 Driver with DALI
Rev. E
More results


Similar Description - EUD-150SXXXBVA

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-EAM-150SXXXDB INVENTRONICS-DS-EAM-150SXXXDB Datasheet
776Kb / 13P
150W Programmable I P66/IP67 Driver
Rev.A
EUD-150SXXXDDA INVENTRONICS-EUD-150SXXXDDA Datasheet
1Mb / 11P
150W Class II Programmable IP67 Driver
Rev.C
EUG-150SXXXDT INVENTRONICS-EUG-150SXXXDT Datasheet
1,023Kb / 15P
150W Programmable IP67 Driver
Rev. F
EUG-150SXXXDV INVENTRONICS-EUG-150SXXXDV Datasheet
964Kb / 16P
150W Programmable IP67 Driver
Rev. I
EUD-150SXXXBT INVENTRONICS-EUD-150SXXXBT Datasheet
982Kb / 11P
150W Programmable IP67 Driver with DALI
Rev. F
EUD-150SXXXBV INVENTRONICS-EUD-150SXXXBV Datasheet
479Kb / 10P
150W Programmable IP67 Driver with DALI
Rev. E
EUD-150SXXXDT INVENTRONICS-EUD-150SXXXDT Datasheet
1Mb / 12P
150W Programmable IP67 Driver
Rev. F
EUD-150SXXXDV INVENTRONICS-EUD-150SXXXDV Datasheet
1Mb / 13P
150W Programmable IP67 Driver
Rev. E
EUK-150SXXXDV INVENTRONICS-EUK-150SXXXDV Datasheet
2Mb / 14P
150W Programmable IP67 Driver
Rev.E
EBD-150SXXXDVA INVENTRONICS-EBD-150SXXXDVA Datasheet
561Kb / 11P
150W Programmable IP67 Driver
Rev. D
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com