Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS0503C Datasheet (PDF) - Xtaltq Technologies Co.,Ltd.

BS0503C Datasheet PDF - Xtaltq Technologies Co.,Ltd.
Part # BS0503C
Download  BS0503C Download
File Size   314.96 Kbytes
Page   2 Pages
Manufacturer  XTALTQ [Xtaltq Technologies Co.,Ltd.]
Direct Link  https://www.xtaltq.com/
Logo XTALTQ - Xtaltq Technologies Co.,Ltd.
Description SMD Package (5.0×3.2mm)

BS0503C Datasheet (PDF)

Go To PDF Page Download Datasheet
BS0503C Datasheet PDF - Xtaltq Technologies Co.,Ltd.

Part # BS0503C
Download  BS0503C Click to download

File Size   314.96 Kbytes
Page   2 Pages
Manufacturer  XTALTQ [Xtaltq Technologies Co.,Ltd.]
Direct Link  https://www.xtaltq.com/
Logo XTALTQ - Xtaltq Technologies Co.,Ltd.
Description SMD Package (5.0×3.2mm)

BS0503C Datasheet (HTML) - Xtaltq Technologies Co.,Ltd.


BS0503C Product details

Features
SMD Package (5.0×3.2mm)
Ultra Stable
Wide Temperature Range
Fast Warming-up
Applications
Base Stations
Instrumentations
Synthesizer
SDH/SONET
Medical Electronics




Similar Part No. - BS0503C

ManufacturerPart #DatasheetDescription
logo
Xtaltq Technologies Co....
BS0507A XTALTQ-BS0507A Datasheet
253Kb / 2P
Typical 7.0 x 5.0 x 1.3 mm ceramic SMD package
BS0507AD3I505CN20 XTALTQ-BS0507AD3I505CN20 Datasheet
253Kb / 2P
Typical 7.0 x 5.0 x 1.3 mm ceramic SMD package
BS0507AD3I505CN20 XTALTQ-BS0507AD3I505CN20 Datasheet
215Kb / 2P
Small size (7.0*5.0mm)
BS0507D XTALTQ-BS0507D Datasheet
215Kb / 2P
Small size (7.0*5.0mm)
BS0507E XTALTQ-BS0507E Datasheet
214Kb / 2P
Small size (7.0*5.0mm)
More results


Similar Description - BS0503C

ManufacturerPart #DatasheetDescription
logo
AEL Crystals Ltd
AEL671 AEL-AEL671 Datasheet
118Kb / 2P
5.0 x 3.2mm Low Current SMD Oscillators - Type 671
logo
EUROQUARTZ limited
EQ5032 EUROQUARTZ-EQ5032 Datasheet
92Kb / 1P
5.0 x 3.2mm SMD TCXO
logo
Advanced Crystal Techno...
533-SMX-2 ACT-533-SMX-2 Datasheet
235Kb / 2P
5.0 x 3.2mm Crystal unit
1/02/2017
logo
TAITIEN ELECTRONICS CO....
XO-0114-OW-M-LVPECL-LVDS TAITIEN-XO-0114-OW-M-LVPECL-LVDS Datasheet
287Kb / 1P
5.0 X 3.2mm SMD LVPECL/LVDS Crystal Oscillator
XO-0116-OW-M-CMOS TAITIEN-XO-0116-OW-M-CMOS Datasheet
1Mb / 1P
5.0 X 3.2mm SMD CMOS Crystal Oscilator
XO-0080-VWCOMOS-TYPE TAITIEN-XO-0080-VWCOMOS-TYPE Datasheet
298Kb / 1P
5.0 x 3.2mm SMD Voltage Controlled Crystal Oscillator
XO-0083-VW-LVDS-TYPE TAITIEN-XO-0083-VW-LVDS-TYPE Datasheet
285Kb / 1P
5.0 x 3.2mm SMD LVPECL/LVDS Voltage Controlled Crystal Oscillator
logo
Transko Electronics, In...
TV53A TRANSKO-TV53A Datasheet
606Kb / 2P
MINIATURE CERAMIC SMD VCXO (5.0 x 3.2mm)
Rev. 3: Nov. 2015
TVC5 TRANSKO-TVC5 Datasheet
409Kb / 2P
DUAL FREQUENCY OUTPUT CERAMIC SMD VCXO (5.0 x 3.2mm)
Rev. 3: 06-16-2020
TVD5 TRANSKO-TVD5 Datasheet
409Kb / 2P
DUAL FREQUENCY OUTPUT CERAMIC SMD VCXO (5.0 x 3.2mm)
Rev. 3: 06-16-2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com