Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS0507A Datasheet (PDF) - Xtaltq Technologies Co.,Ltd.

BS0507A Datasheet PDF - Xtaltq Technologies Co.,Ltd.
Part # BS0507A
Download  BS0507A Download
File Size   253.08 Kbytes
Page   2 Pages
Manufacturer  XTALTQ [Xtaltq Technologies Co.,Ltd.]
Direct Link  https://www.xtaltq.com/
Logo XTALTQ - Xtaltq Technologies Co.,Ltd.
Description Typical 7.0 x 5.0 x 1.3 mm ceramic SMD package

BS0507A Datasheet (PDF)

Go To PDF Page Download Datasheet
BS0507A Datasheet PDF - Xtaltq Technologies Co.,Ltd.

Part # BS0507A
Download  BS0507A Click to download

File Size   253.08 Kbytes
Page   2 Pages
Manufacturer  XTALTQ [Xtaltq Technologies Co.,Ltd.]
Direct Link  https://www.xtaltq.com/
Logo XTALTQ - Xtaltq Technologies Co.,Ltd.
Description Typical 7.0 x 5.0 x 1.3 mm ceramic SMD package

BS0507A Datasheet (HTML) - Xtaltq Technologies Co.,Ltd.


BS0507A Product details

Features
Typical 7.0 x 5.0 x 1.3 mm ceramic SMD package.
Conforms to AEC-Q200
Output frequency up to 166MHz
Tri-state enable/disable.
Typical Application
xDSL, WLAN, Fiber/10G-Bit Ethernet
Notebook, PDA
PC main board, VGA card




Similar Part No. - BS0507A

ManufacturerPart #DatasheetDescription
logo
Xtaltq Technologies Co....
BS0507AD3I505CN20 XTALTQ-BS0507AD3I505CN20 Datasheet
215Kb / 2P
Small size (7.0*5.0mm)
More results


Similar Description - BS0507A

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
PMX MTRONPTI-PMX Datasheet
209Kb / 1P
5.0 x 7.0 x 1.2 mm
PM MTRONPTI-PM_08 Datasheet
370Kb / 2P
Surface Mount Crystals 5.0 x 7.0 x 1.3 mm
logo
QUARTZCOM the communica...
MCO-3S QUARTZCOM-MCO-3S Datasheet
126Kb / 1P
SMD Clock Oscillator CMOS Miniature package: 5.0 x 3.2 x 1.3 mm
logo
ILSI America LLC
ISM81 ILSI-ISM81 Datasheet
148Kb / 2P
5.0 mm x 7.0 mm Ceramic Package SMD Oscillator
logo
TAITIEN ELECTRONICS CO....
XO-0007-OC-TYPE TAITIEN-XO-0007-OC-TYPE Datasheet
231Kb / 1P
7.0 x 5.0 mm SMD Crystal Oscillator
XO-0055-OC-M TAITIEN-XO-0055-OC-M Datasheet
373Kb / 1P
7.0 x 5.0 mm SMD Crystal Oscillator
logo
Rakon Limited
QEN101 RAKON-QEN101 Datasheet
458Kb / 4P
7.0 x 5.0 mm, SMD
05 December 2022
logo
Xtaltq Technologies Co....
BS2016A XTALTQ-BS2016A Datasheet
231Kb / 2P
Typical 2.05 x 1.65 x 0.75 mm ceramic SMD package
BS2520A XTALTQ-BS2520A Datasheet
210Kb / 2P
Typical 2.5 x 2.0 x 0.81 mm ceramic SMD package
BS5032A XTALTQ-BS5032A Datasheet
234Kb / 2P
Typical 5.0 x 3.2 x 1.2 mm ceramic SMD package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com