Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS5032A Datasheet (PDF) - Xtaltq Technologies Co.,Ltd.

BS5032A Datasheet PDF - Xtaltq Technologies Co.,Ltd.
Part # BS5032A
Download  BS5032A Download
File Size   234.28 Kbytes
Page   2 Pages
Manufacturer  XTALTQ [Xtaltq Technologies Co.,Ltd.]
Direct Link  https://www.xtaltq.com/
Logo XTALTQ - Xtaltq Technologies Co.,Ltd.
Description Typical 5.0 x 3.2 x 1.2 mm ceramic SMD package

BS5032A Datasheet (PDF)

Go To PDF Page Download Datasheet
BS5032A Datasheet PDF - Xtaltq Technologies Co.,Ltd.

Part # BS5032A
Download  BS5032A Click to download

File Size   234.28 Kbytes
Page   2 Pages
Manufacturer  XTALTQ [Xtaltq Technologies Co.,Ltd.]
Direct Link  https://www.xtaltq.com/
Logo XTALTQ - Xtaltq Technologies Co.,Ltd.
Description Typical 5.0 x 3.2 x 1.2 mm ceramic SMD package

BS5032A Datasheet (HTML) - Xtaltq Technologies Co.,Ltd.


BS5032A Product details

Features
Typical 5.0 x 3.2 x 1.2 mm ceramic SMD package.
Conforms to AEC-Q200
Tight symmetry (45 to 55%) available.
Realize the standby function with Tri-State

Typical Application
GPS, Mobile Phone
WLAN, Wireless, Fiber/10Gbit Ethernet
Notebook, PDA, DSC




Similar Part No. - BS5032A

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
BS50 IVO-BS50 Datasheet
85Kb / 1P
My-Com precision switches
logo
Sharp Corporation
BS500A SHARP-BS500A Datasheet
75Kb / 2P
WIDE WAVELENGTH BAND TYPE PHOTODIODE
BS500B SHARP-BS500B Datasheet
83Kb / 2P
PHOTODIODE FOR VISIBLE LIGHT
BS501A SHARP-BS501A Datasheet
75Kb / 2P
WIDE WAVELENGTH BAND TYPE PHOTODIODE
More results


Similar Description - BS5032A

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
MCO-3S-HP QUARTZCOM-MCO-3S-HP Datasheet
118Kb / 1P
High precision SMD Clock Oscillator Miniature package: 5.0 x 3.2 x 1.2 mm
MCO-3S-L QUARTZCOM-MCO-3S-L Datasheet
124Kb / 1P
Low power SMD Clock Oscillator CMOS Miniature package: 5.0 x 3.2 x 1.2 mm
logo
ILSI America LLC
I603 ILSI-I603 Datasheet
51Kb / 2P
3.2 mm x 5.0 mm Ceramic Package SMD VCXO, TTL / HC-MOS
I640 ILSI-I640 Datasheet
56Kb / 3P
3.2 mm x 5.0 mm Ceramic Package SMD VCXO, LVCMOS / LVPECL / LVDS
ISM64 ILSI-ISM64 Datasheet
55Kb / 3P
3.2 mm x 5.0 mm Ceramic Package SMD Oscillator, LVCMOS / LVPECL / LVDS
ISM88 ILSI-ISM88 Datasheet
51Kb / 2P
3.2 mm x 5.0 mm Ceramic Package SMD Oscillator, LVPECL
ISM89 ILSI-ISM89 Datasheet
51Kb / 2P
3.2 mm x 5.0 mm Ceramic Package SMD Oscillator, LVDS
ISM82 ILSI-ISM82 Datasheet
126Kb / 2P
3.2 mm x 5.0 mm Ceramic Package SMD Oscillator
logo
Xtaltq Technologies Co....
BS0507A XTALTQ-BS0507A Datasheet
253Kb / 2P
Typical 7.0 x 5.0 x 1.3 mm ceramic SMD package
BS3225A XTALTQ-BS3225A Datasheet
327Kb / 2P
Typical 3.2 x 2.5 x 0.95 mm ceramic SMD package.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com