Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KC-200 Datasheet (PDF) - UN Semiconducctor INC

KC-200 Datasheet PDF - UN Semiconducctor INC
Part # KC-200
Download  KC-200 Download
File Size   2913.65 Kbytes
Page   4 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description 10KA Radial Lead Transient Voltage Suppressors (TVS)

KC-200 Datasheet (PDF)

Go To PDF Page Download Datasheet
KC-200 Datasheet PDF - UN Semiconducctor INC

Part # KC-200
Download  KC-200 Click to download

File Size   2913.65 Kbytes
Page   4 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description 10KA Radial Lead Transient Voltage Suppressors (TVS)

KC-200 Datasheet (HTML) - UN Semiconducctor INC


KC-200 Product details

Features
Axial lead terminals
High current transient suppressor
Excellent Clamping Capability
Glass Passivated Junction
Bi-directional
Low Slope Resistance
Repetition Rate (duty cycle):0.01%
Hazardous Substances Free
High Temperature soldering: 260°C/10 seconds at terminals
Epoxy Encapsulated
Solderable per MIL-STD-202 Method 208
Plastic package has Underwriters Laboratory Flammability 94V-0
Halogen free and RoHS compliant




Similar Part No. - KC-200

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
KC-200 SOCAY-KC-200 Datasheet
188Kb / 4P
Radial Lead Transient Voltage Suppressors
KC-200 SOCAY-KC-200 Datasheet
3Mb / 56P
Surface Mount Transient Voltage Suppressors (TVS)
logo
Protek Devices
KC-200 PROTEC-KC-200 Datasheet
451Kb / 6P
HIGH POWERED TVS COMPONENT
logo
Socay Electornics Co., ...
KC-200 SOCAY-KC-200 Datasheet
1Mb / 4P
Radial Lead Transient Voltage Suppressors (TVS)
November 26, 2020
More results


Similar Description - KC-200

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
KB-012 SOCAY-KB-012 Datasheet
189Kb / 4P
Radial Lead Transient Voltage Suppressors
KD-012 SOCAY-KD-012 Datasheet
185Kb / 4P
Radial Lead Transient Voltage Suppressors
KA-012 SOCAY-KA-012_V01 Datasheet
1Mb / 4P
Radial Lead Transient Voltage Suppressors (TVS)
November 26, 2020
KC-012 SOCAY-KC-012_V01 Datasheet
1Mb / 4P
Radial Lead Transient Voltage Suppressors (TVS)
November 26, 2020
KD-012 SOCAY-KD-012_V01 Datasheet
1Mb / 4P
Radial Lead Transient Voltage Suppressors (TVS)
November 26, 2020
logo
UN Semiconducctor INC
K1-076 UNSEMI-K1-076 Datasheet
2Mb / 4P
1KA Radial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
KA UNSEMI-KA Datasheet
2Mb / 4P
3KA Radial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
KA1-380 UNSEMI-KA1-380 Datasheet
2Mb / 4P
1KA Radial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
KB UNSEMI-KB Datasheet
2Mb / 4P
6KA Radial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
KD UNSEMI-KD Datasheet
2Mb / 4P
15KA Radial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com