Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSD3A031V Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

BSD3A031V Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # BSD3A031V
Download  BSD3A031V Download
File Size   518.16 Kbytes
Page   4 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description USB Vbus

BSD3A031V Datasheet (PDF)

Go To PDF Page Download Datasheet
BSD3A031V Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # BSD3A031V
Download  BSD3A031V Click to download

File Size   518.16 Kbytes
Page   4 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description USB Vbus

BSD3A031V Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


BSD3A031V Product details

Features
240Watts peak pulse power (tp = 8/20μs)
Unidirectional configurations
Solid-state silicon-avalanche technology
Low clamping voltage
Low leakage current
IEC 61000-4-2 ±30kV contact ±30kV air
IEC 61000-4-4 (EFT) 40A (5/50ns)
IEC 61000-4-5 (Lightning) 16A (8/20μs)




Similar Part No. - BSD3A031V

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
BSD3A051V UMW-BSD3A051V Datasheet
564Kb / 4P
USB Vbus
More results


Similar Description - BSD3A031V

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACUSBVB-D1 CALMIRCO-PACUSBVB-D1 Datasheet
846Kb / 8P
USB Downstream Port Terminator with VBUS ESD Protection
logo
ON Semiconductor
PACUSBVB-D1 ONSEMI-PACUSBVB-D1 Datasheet
219Kb / 9P
USB Downstream Port Terminator with VBUS ESD Protection
June 2010 ??Rev. 2
logo
Vishay Siliconix
VBUS053AZ-HAF VISHAY-VBUS053AZ-HAF Datasheet
84Kb / 6P
USB-OTG BUS-Port ESD-Protection for VBUS = 12 V
16-Dec-10
logo
ON Semiconductor
PACUSBVB ONSEMI-PACUSBVB Datasheet
248Kb / 7P
USB Downstream Port Terminator with VBUS ESD Protection
October, 2011 ??Rev. 3
logo
Gennum Corporation
1255P GENNUM-1255P Datasheet
267Kb / 10P
Protects USB VBus operating up to 12V
logo
STMicroelectronics
STUSB4500 STMICROELECTRONICS-STUSB4500 Datasheet
848Kb / 41P
Standalone USB PD sink controller with short-to-VBUS protections
Jul-2018
logo
Kinetic Technologies.
KTS1690A KINETIC-KTS1690A Datasheet
218Kb / 2P
USB VBUS ISOURCE Load Switch with Current Limit Control
June 2022 - Revision 04a Page
logo
Littelfuse
SP1224 LITTELFUSE-SP1224 Datasheet
730Kb / 4P
SP1224 (100A) for USB VBUS
2020 Littelfuse, Inc.
logo
Silicon Mitus, Inc.
SM5360 SILICONMITUS-SM5360 Datasheet
231Kb / 2P
USB Type-C VBUS Combo Switch with Protection
July 2021- Rev. 1.0.1
logo
Guangdong Youtai Semico...
BSD3A051V UMW-BSD3A051V Datasheet
564Kb / 4P
USB Vbus
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com