Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP1224 Datasheet (PDF) - Littelfuse

SP1224 Datasheet PDF - Littelfuse
Part # SP1224
Download  SP1224 Download
File Size   730.72 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description SP1224 (100A) for USB VBUS

SP1224 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP1224 Datasheet PDF - Littelfuse

Part # SP1224
Download  SP1224 Click to download

File Size   730.72 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description SP1224 (100A) for USB VBUS

SP1224 Datasheet (HTML) - Littelfuse


SP1224 Product details

Description
This SP1224 TVS diode has a lightning surge rating of
100A (8/20 as defined in IEC 61000-4-5 2nd edition) and
is intended for USB VBUS protection. It provides superior
protection for current intensive applications such as the
USB fast charging circuits.
The SP1224 TVS is offered in a space saving 2.0 x 1.8 mm
μDFN package with a typical height of 0.55 mm. This small
form factor makes this component ideal for smart phones,
tablets, and other portable electronics that are footprint
challenged.

Features
• ESD, IEC 61000-4-2,
±30kV contact, ±30kV air
• EFT, IEC 61000-4-4, 80A
(tP=5/50ns)
• Lightning, 100A (8/20 as
defined in IEC 61000-4-5
2nd edition)
• Protection for VBUS
operating up to 24V
• High current handling
capability for fast charging
applications
• Halogen free, lead free
and RoHS compliant
• Moisture Sensitivity
Level(MSL -1)

Applications
• VBUS protection for fast charging USB circuits




Similar Part No. - SP1224

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
SP1224N SAMSUNG-SP1224N Datasheet
596Kb / 36P
HARD DISK DRIVE service manual
More results


Similar Description - SP1224

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBUS053AZ-HAF VISHAY-VBUS053AZ-HAF Datasheet
84Kb / 6P
USB-OTG BUS-Port ESD-Protection for VBUS = 12 V
16-Dec-10
VBUS053CZ-HAF VISHAY-VBUS053CZ-HAF Datasheet
163Kb / 6P
USB-OTG BUS-Port ESD-Protection for VBUS = 28 V
23-May-11
logo
Gennum Corporation
1255P GENNUM-1255P Datasheet
267Kb / 10P
Protects USB VBus operating up to 12V
logo
TECH PUBLIC Electronics...
TPE1255D6 TECHPUBLIC-TPE1255D6 Datasheet
1Mb / 4P
160A For Vbus
logo
Vishay Siliconix
VBUS053A-HAF VISHAY-VBUS053A-HAF Datasheet
119Kb / 7P
USB-OTG BUS-Port ESD Protection for VBUS = 12 V
07-Jan-2019
VBUS053C-HAF VISHAY-VBUS053C-HAF Datasheet
175Kb / 7P
USB-OTG BUS-Port ESD Protection for VBUS = 28 V
08-Jan-2019
VBUS053AZ-HAF VISHAY-VBUS053AZ-HAF_V01 Datasheet
120Kb / 7P
USB-OTG BUS-Port ESD Protection for VBUS = 12 V
07-Jan-2019
VBUS053CZ-HAF VISHAY-VBUS053CZ-HAF_V01 Datasheet
176Kb / 7P
USB-OTG BUS-Port ESD Protection for VBUS = 28 V
08-Jan-2019
logo
Guangdong Youtai Semico...
BSD3A031V UMW-BSD3A031V Datasheet
518Kb / 4P
USB Vbus
BSD3A051V UMW-BSD3A051V Datasheet
564Kb / 4P
USB Vbus
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com