Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD8796 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

FDD8796 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # FDD8796
Download  FDD8796 Download
File Size   638.12 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 25V N -Channel MOSFET

FDD8796 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDD8796 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # FDD8796
Download  FDD8796 Click to download

File Size   638.12 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 25V N -Channel MOSFET

FDD8796 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


FDD8796 Product details

Features
Low gate charge: Qg(10) = 37nC(Typ), VGS = 10V
Low gate resistance
VDS(V) =25V
ID =35A (VGS = 10V)
RDS(ON) < 5.7mΩ (V GS = 10V)
RDS(ON) < 8.0mΩ (V GS = 4.5V)




Similar Part No. - FDD8796

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD8796 FAIRCHILD-FDD8796 Datasheet
312Kb / 6P
N-Channel PowerTrench짰 MOSFET 25V, 35A, 5.7mOhm
logo
Inchange Semiconductor ...
FDD8796 ISC-FDD8796 Datasheet
353Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - FDD8796

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM55N03 TSC-TSM55N03_07 Datasheet
363Kb / 6P
25V N-Channel MOSFET
TSM35N03 TSC-TSM35N03_07 Datasheet
354Kb / 6P
25V N-Channel MOSFET
TSM35N03 TSC-TSM35N03_09 Datasheet
244Kb / 6P
25V N-Channel MOSFET
TSM75N03 TSC-TSM75N03 Datasheet
65Kb / 4P
25V N-Channel MOSFET
TSM4410 TSC-TSM4410_08 Datasheet
126Kb / 6P
25V N-Channel MOSFET
TSM25N03 TSC-TSM25N03_08 Datasheet
132Kb / 6P
25V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF3612E GOOD-ARK-SSF3612E_15 Datasheet
459Kb / 4P
25V N-Channel MOSFET
SSFM2508 GOOD-ARK-SSFM2508 Datasheet
577Kb / 7P
25V N-Channel MOSFET
SSFM2506L GOOD-ARK-SSFM2506L Datasheet
683Kb / 7P
25V N-Channel MOSFET
logo
Guangdong Youtai Semico...
NTD4860 UMW-NTD4860 Datasheet
482Kb / 7P
25V N -Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com