Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDN359A Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

FDN359A Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # FDN359A
Download  FDN359A Download
File Size   415.88 Kbytes
Page   5 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description N-Channel 30 V (D-S) MOSFET

FDN359A Datasheet (PDF)

Go To PDF Page Download Datasheet
FDN359A Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # FDN359A
Download  FDN359A Click to download

File Size   415.88 Kbytes
Page   5 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description N-Channel 30 V (D-S) MOSFET

FDN359A Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


FDN359A Product details

Features
VDS (V) = 27V
RDS(ON) < 46m (VGS = 10V)
RDS(ON) < 60m (VGS = 4.5V)




Similar Part No. - FDN359A

ManufacturerPart #DatasheetDescription
logo
EVER SEMICONDUCTOR CO.,...
FDN359A EVVOSEMI-FDN359A Datasheet
327Kb / 5P
N-Channel 30 V (D-S) MOSFET
Rev:2023A2
logo
Fairchild Semiconductor
FDN359AN FAIRCHILD-FDN359AN Datasheet
264Kb / 8P
N-Channel Logic Level PowerTrenchTM MOSFET
logo
EVER SEMICONDUCTOR CO.,...
FDN359AN EVVOSEMI-FDN359AN Datasheet
327Kb / 5P
N-Channel 30 V (D-S) MOSFET
Rev:2023A2
logo
ON Semiconductor
FDN359AN ONSEMI-FDN359AN Datasheet
218Kb / 7P
N-Channel Logic Level PowerTrench™ MOSFET
April 1999 Rev.C
More results


Similar Description - FDN359A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
N-Channel 30-V (D-S) MOSFET
23-Nov-98
SI1304BDL VISHAY-SI1304BDL_08 Datasheet
123Kb / 7P
N-Channel 30-V (D-S) MOSFET
03-Oct-05
SI1426DH VISHAY-SI1426DH_08 Datasheet
71Kb / 5P
N-Channel 30-V (D-S) MOSFET
18-Feb-02
SI2316BDS VISHAY-SI2316BDS Datasheet
107Kb / 6P
N-Channel 30-V (D-S) MOSFET
02-Jul-07
SI3424BDV VISHAY-SI3424BDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
24-Dec-07
SI3454CDV VISHAY-SI3454CDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
26-May-08
SI3456CDV VISHAY-SI3456CDV Datasheet
138Kb / 7P
N-Channel 30-V (D-S) MOSFET
04-Feb-08
SUM90N03-2M2P VISHAY-SUM90N03-2M2P Datasheet
136Kb / 6P
N-Channel 30-V (D-S) MOSFET
10-Sep-07
logo
Guangdong Kexin Industr...
KI2304DS KEXIN-KI2304DS Datasheet
49Kb / 2P
N-Channel 30-V (D-S) MOSFET
KI1304BDL KEXIN-KI1304BDL Datasheet
71Kb / 2P
N-Channel 30-V (D-S) MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com