Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1337013 Datasheet (PDF) - PHOENIX CONTACT

1337013 Datasheet PDF - PHOENIX CONTACT
Part # 1337013
Download  1337013 Download
File Size   476.7 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FR 1,27/ 26-FH - SMD female connectors

1337013 Datasheet (PDF)

Go To PDF Page Download Datasheet
1337013 Datasheet PDF - PHOENIX CONTACT

Part # 1337013
Download  1337013 Click to download

File Size   476.7 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FR 1,27/ 26-FH - SMD female connectors

1337013 Datasheet (HTML) - PHOENIX CONTACT


1337013 Product details

SMD female connector, nominal current: 2.2 A, Test voltage: 500 V AC, number of positions: 26,
pitch: 1.27 mm, color: black, contact surface: Gold, contact connection type: Socket, mounting:
SMD soldering

Your advantages
• The first high-speed data transmission at up to 28 Gbps using the established market standard, opens up new design possibilities.
• Robust 6-pos. to 100-pos. board-to-board and wire-to-board connectors ensure greater flexibility with regard to component options.
• Time savings during the development process with customer-specific simulations for data integrity.
• Gold-plated contact points enable long-term stable signal transmission and currents of up to 2.3 A.
• Design-in support during device development using MCAD/ECAD data and a free sample service.




Similar Part No. - 1337013

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
133701 ERNI-133701 Datasheet
41Kb / 1P
MOD JACK - MJLS
logo
PHOENIX CONTACT
1337010 PHOENIX-1337010 Datasheet
476Kb / 9P
FR 1,27/ 12-FH - SMD female connectors
1337011 PHOENIX-1337011 Datasheet
479Kb / 9P
FR 1,27/ 16-FH - SMD female connectors
1337012 PHOENIX-1337012 Datasheet
471Kb / 9P
FR 1,27/ 20-FH - SMD female connectors
1337014 PHOENIX-1337014 Datasheet
463Kb / 9P
FR 1,27/ 32-FH - SMD female connectors
More results


Similar Description - 1337013

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1714869 PHOENIX-1714869 Datasheet
84Kb / 5P
SMD female connectors - FP 1,27/ 12-FH
1714873 PHOENIX-1714873 Datasheet
84Kb / 5P
SMD female connectors - FP 1,27/ 26-FH
1714878 PHOENIX-1714878 Datasheet
84Kb / 5P
SMD female connectors - FP 1,27/ 50-FH
1374877 PHOENIX-1374877 Datasheet
368Kb / 9P
FR 1,27/ 26-FV 9,05 - SMD female connectors
1337011 PHOENIX-1337011 Datasheet
479Kb / 9P
FR 1,27/ 16-FH - SMD female connectors
1377300 PHOENIX-1377300 Datasheet
380Kb / 9P
FR 1,27/ 26-MH - SMD male connectors
1337010 PHOENIX-1337010 Datasheet
476Kb / 9P
FR 1,27/ 12-FH - SMD female connectors
1337015 PHOENIX-1337015 Datasheet
469Kb / 9P
FR 1,27/ 40-FH - SMD female connectors
1337019 PHOENIX-1337019 Datasheet
461Kb / 9P
FR 1,27/ 68-FH - SMD female connectors
1378548 PHOENIX-1378548 Datasheet
368Kb / 10P
FR 1,27/ 26-FWL - IDC female connectors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com