Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CIM8W-D10 Datasheet (PDF) - CamdenBoss Ltd.

CIM8W-D10 Datasheet PDF - CamdenBoss Ltd.
Part # CIM8W-D10
Download  CIM8W-D10 Download
File Size   380.55 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description Diode module and component modules

CIM8W-D10 Datasheet (PDF)

Go To PDF Page Download Datasheet
CIM8W-D10 Datasheet PDF - CamdenBoss Ltd.

Part # CIM8W-D10
Download  CIM8W-D10 Click to download

File Size   380.55 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description Diode module and component modules

CIM8W-D10 Datasheet (HTML) - CamdenBoss Ltd.


CIM8W-D10 Product details

Product ove r v i ew
A range of din rail mounting modules including an 8 way individual
diode module and 4, 8, 12 and 16 diode modules in common anode
and common cathode configurations. These modules provide a quick
and compact method of providing reverse voltage protection, back
emf protection for inductive loads, indicator test and other functions.
• 8 individual diodes (1N4007) for 35mm din rail. (Option for 32mm
(G) rail mounting).
• 4 diodes (1N4007) connected with common anodes or common
cathodes for 35mm din rail
• 8, 12 or 16 diodes(1N4007) in groups of 4 with removable links
between the common of each group of 4. 32 and 35mm din rail
mounting
• Protects against return voltage to circuits
• Low profile
• Terminal marked
• 45°cable entry for easy access
• Available also as a component carrier
• Optional surface mounting plates
• Custom interfaces avaliable to order
• RoHS compliant




Similar Part No. - CIM8W-D10

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
CIM MTRONPTI-CIM Datasheet
236Kb / 1P
Crystals
logo
BlockMaster Electronics...
CIM BLOCKMASTER-ELECTRONICS-CIM Datasheet
119Kb / 1P
This specification applies to – CCFXX001 - Plug
6/11/2017
CIM BLOCKMASTER-ELECTRONICS-CIM Datasheet
119Kb / 1P
This specification applies to – CCFXX002 - Plug
6/11/2017
CIM BLOCKMASTER-ELECTRONICS-CIM Datasheet
117Kb / 1P
This specification applies to – CCFXX005 - Plug
6/11/2017
CIM BLOCKMASTER-ELECTRONICS-CIM Datasheet
161Kb / 1P
This specification applies to – CCFXX006 - Plug
6/11/2017
More results


Similar Description - CIM8W-D10

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
MI-AI VICOR-MI-AI Datasheet
210Kb / 2P
Military Component Front End Modules
logo
List of Unclassifed Man...
MI-AIM ETC-MI-AIM Datasheet
210Kb / 2P
Military Component Front End Modules
logo
Vicor Corporation
MI-AIM-I1 VICOR-MI-AIM-I1 Datasheet
103Kb / 2P
Military COTS Component Front-end Modules
logo
XP Power Limited
CPH500USC3 XPPOWER-CPH500USC3 Datasheet
86Kb / 2P
Component Power AC Front End Modules
CPM50FS05 XPPOWER-CPM50FS05 Datasheet
171Kb / 4P
Component Power DC-DC Modules
logo
Samsung semiconductor
ARTIK710 SAMSUNG-ARTIK710 Datasheet
2Mb / 67P
ARTIK 710 Module Block Diagram and Component Placement
logo
WAGO Kontakttechnik Gmb...
289-101 WAGO-289-101 Datasheet
230Kb / 6P
Component module with diode; with 8 pcs; Diode 1N4007; 2,50 mm짼
23.11.2021
289-103 WAGO-289-103 Datasheet
223Kb / 6P
Component module with diode; with 8 pcs; Diode P600B; 2,50 mm짼
23.11.2021
289-105 WAGO-289-105 Datasheet
246Kb / 6P
Component module with diode; with 9 pcs; Diode 1N5408; 2,50 mm짼
23.11.2021
289-151 WAGO-289-151 Datasheet
259Kb / 6P
Component module with diode; 2,50 mm짼
23.11.2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com