Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FODM8061 Datasheet (PDF) - ON Semiconductor

FODM8061 Datasheet PDF - ON Semiconductor
Part # FODM8061
Download  FODM8061 Download
File Size   239.55 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description High Noise Immunity, 3.3V/5V, 10 Mbit/sec Logic Gate Output (Open Collector) Optocoupler

FODM8061 Datasheet (PDF)

Go To PDF Page Download Datasheet
FODM8061 Datasheet PDF - ON Semiconductor

Part # FODM8061
Download  FODM8061 Click to download

File Size   239.55 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description High Noise Immunity, 3.3V/5V, 10 Mbit/sec Logic Gate Output (Open Collector) Optocoupler

FODM8061 Datasheet (HTML) - ON Semiconductor


FODM8061 Product details

Description
The FODM8061 is a 3.3 V/5 V high−speed logic gate output (open
collector) optocoupler, which supports isolated communications
allowing digital signals to communicate between systems without
conducting ground loops or hazardous voltages. It utilizes onsemi’s
patented coplanar packaging technology, OPTOPLANAR®, and
optimized IC design to achieve high noise immunity, characterized by
high common mode transient immunity specifications.
This optocoupler consists of an AlGaAS LED at the input,
optically coupled to a high speed integrated photo−detector logic gate.
The output of the detector IC is an open collector schottky−clamped
transistor. The coupled parameters are guaranteed over the wide
temperature range of −40°C to +110°C. A maximum input signal
of 5mA will provide a minimum output sink current of 13 mA
(fan out of 8).
Features
• High Noise Immunity Characterized by Common Mode Transient
Immunity (CMTI)
♦ 20 kV/s Minimum CMTI
• High Speed
♦ 10 Mbit/sec Date Rate (NRZ)
♦ 80 ns Max. Propagation Delay
♦ 25 ns Max. Pulse Width Distortion
♦ 40 ns Max. Propagation Delay Skew
• 3.3 V LVTTL/LVCMOS Compatibility
• Specifications Guaranteed over 3 V to 5.5 V Supply Voltage and
−40°C to +110°C Temperature Range
• Safety and Regulatory Approvals
♦ UL1577, 3750 VACRMS for 1 min.
♦ DIN EN/IEC60747−5−5
Applications
• Microprocessor System Interface
♦ SPI, I2C
• Industrial Fieldbus Communications
♦ DeviceNet, CAN, RS485
• Programmable Logic Control
• Isolated Data Acquisition System
• Voltage Level Translator
• Isolating MOSFET/IGBT Gate Drivers




Similar Part No. - FODM8061

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM8061 FAIRCHILD-FODM8061 Datasheet
382Kb / 12P
High Noise Immunity, 3.3V/5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
FODM8061 FAIRCHILD-FODM8061 Datasheet
387Kb / 12P
High Noise Immunity, 3.3V/5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
logo
ON Semiconductor
FODM8061 ONSEMI-FODM8061 Datasheet
714Kb / 14P
High Noise Immunity, 3.3V/5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
Rev. 2
logo
Fairchild Semiconductor
FODM8061R2 FAIRCHILD-FODM8061R2 Datasheet
382Kb / 12P
High Noise Immunity, 3.3V/5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
FODM8061R2 FAIRCHILD-FODM8061R2 Datasheet
387Kb / 12P
High Noise Immunity, 3.3V/5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
More results


Similar Description - FODM8061

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM611 FAIRCHILD-FODM611 Datasheet
370Kb / 12P
High Noise Immunity, 5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
FODM8061 FAIRCHILD-FODM8061 Datasheet
382Kb / 12P
High Noise Immunity, 3.3V/5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
FODM8071 FAIRCHILD-FODM8071 Datasheet
363Kb / 13P
3.3V/5V Logic Gate Output Optocoupler with High Noise Immunity
FODM8061 FAIRCHILD-FODM8061_10 Datasheet
387Kb / 12P
High Noise Immunity, 3.3V/5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
FODM8071 FAIRCHILD-FODM8071_10 Datasheet
369Kb / 13P
3.3V/5V Logic Gate Output Optocoupler with High Noise Immunity
FOD8001 FAIRCHILD-FOD8001 Datasheet
624Kb / 12P
High Noise Immunity, 3.3V/5V Logic Gate Optocoupler
FOD8160 FAIRCHILD-FOD8160 Datasheet
3Mb / 15P
High Noise Immunity, 3.3 V / 5 V, 10 Mbit/sec, Logic Gate Optocoupler in Wide-Body SOP 5-Pin
FODM611 FAIRCHILD-FODM611_10 Datasheet
396Kb / 12P
High Noise Immunity, 5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
FOD8001R2 FAIRCHILD-FOD8001R2 Datasheet
624Kb / 12P
High Noise Immunity, 3.3V/5V Logic Gate Optocoupler
logo
ON Semiconductor
FODM8061 ONSEMI-FODM8061 Datasheet
714Kb / 14P
High Noise Immunity, 3.3V/5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com