Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1810480 Datasheet (PDF) - PHOENIX CONTACT

1810480 Datasheet PDF - PHOENIX CONTACT
Part # 1810480
Download  1810480 Download
File Size   252.31 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5/ 8-STZF-5,08 - PCB connector

1810480 Datasheet (PDF)

Go To PDF Page Download Datasheet
1810480 Datasheet PDF - PHOENIX CONTACT

Part # 1810480
Download  1810480 Click to download

File Size   252.31 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5/ 8-STZF-5,08 - PCB connector

1810480 Datasheet (HTML) - PHOENIX CONTACT


1810480 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, type of contact: Socket, number of potentials: 8,
number of rows: 1, number of positions: 8, number of connections: 8, product range: MSTB 2,5/..
-STZF, pitch: 5.08 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, conductor/PCB connection direction: 0 °, locking clip: - without locking clip, plugin
system: COMBICON MSTB 2,5, locking: Screw locking, mounting: Screw flange, type of
packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Pull-out aid facilitates handling and allows the tensile force to be reduced at the contact point
• Screwable flange for superior mechanical stability
• Allows connection of two conductors




Similar Part No. - 1810480

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1810489 PHOENIX-1810489 Datasheet
376Kb / 9P
ICV 2,5/ 6-GF-5,08 EX - PCB header
More results


Similar Description - 1810480

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1757077 PHOENIX-1757077 Datasheet
149Kb / 8P
MSTB 2,5/ 8-ST-5,08
1759075 PHOENIX-1759075 Datasheet
151Kb / 6P
MSTB 2,5/ 8-G-5,08
1776566 PHOENIX-1776566 Datasheet
156Kb / 5P
MSTB 2,5/ 8-GF-5,08
1810451 PHOENIX-1810451 Datasheet
101Kb / 5P
Printed-circuit board connector - MSTB 2,5/ 4-STZF-5,08
1755567 PHOENIX-1755567 Datasheet
44Kb / 3P
Printed-circuit board connector - MSTB 2,5/12-STZF-5,08
1829743 PHOENIX-1829743 Datasheet
44Kb / 3P
Printed-circuit board connector - MSTB 2,5/16-STZF-5,08
1805165 PHOENIX-1805165 Datasheet
87Kb / 5P
Printed-circuit board connector - MSTB 2,5/10-STZF-5,08
1823448 PHOENIX-1823448 Datasheet
66Kb / 3P
Printed-circuit board connector - ICC 2,5/ 8-STZF-5,08
1880672 PHOENIX-1880672 Datasheet
79Kb / 2P
MSTB 2,5/ 4-STZF-5,08 BK
1709791 PHOENIX-1709791 Datasheet
394Kb / 13P
PCB connector - MSTB 2,5/ 2-STZ-5,08
Nov 30, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com