Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1836147 Datasheet (PDF) - PHOENIX CONTACT

1836147 Datasheet PDF - PHOENIX CONTACT
Part # 1836147
Download  1836147 Download
File Size   423.86 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/ 9-ST-5,08 - PCB connector

1836147 Datasheet (PDF)

Go To PDF Page Download Datasheet
1836147 Datasheet PDF - PHOENIX CONTACT

Part # 1836147
Download  1836147 Click to download

File Size   423.86 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/ 9-ST-5,08 - PCB connector

1836147 Datasheet (HTML) - PHOENIX CONTACT


1836147 Product details

PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 320 V, contact surface: Tin, type of contact: Socket, number of potentials: 9, number of
rows: 1, number of positions: 9, number of connections: 9, product range: MC 1,5/..-ST, pitch: 5.
08 mm, connection method: Screw connection with tension sleeve, screw head form: L Slotted,
conductor/PCB connection direction: 0 °, plug-in system: COMBICON MC 1,5, locking: without,
mounting: without, type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors




Similar Part No. - 1836147

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1836105 PHOENIX-1836105 Datasheet
129Kb / 9P
Printed-circuit board connector - MC 1,5/ 5-ST-5,08
09/12/2020
1836118 PHOENIX-1836118 Datasheet
422Kb / 13P
PCB connector - MC 1,5/ 6-ST-5,08
Jan 3, 2023
1836121 PHOENIX-1836121 Datasheet
86Kb / 6P
Printed-circuit board connector - MC 1,5/ 7-ST-5,08
1836121 PHOENIX-1836121 Datasheet
143Kb / 5P
MCV 1,5/ 7-G-5,08
1836134 PHOENIX-1836134 Datasheet
422Kb / 13P
PCB connector - MC 1,5/ 8-ST-5,08
Jan 3, 2023
More results


Similar Description - 1836147

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1803646 PHOENIX-1803646 Datasheet
144Kb / 6P
MC 1,5/ 9-ST-3,81
1840434 PHOENIX-1840434 Datasheet
140Kb / 5P
MC 1,5/ 9-ST-3,5
1836082 PHOENIX-1836082 Datasheet
436Kb / 13P
PCB connector - MC 1,5/ 3-ST-5,08
Jul 21, 2022
1847372 PHOENIX-1847372 Datasheet
439Kb / 13P
PCB connector - MC 1,5/ 4-STF-5,08
Jul 21, 2022
1847356 PHOENIX-1847356 Datasheet
425Kb / 13P
PCB connector - MC 1,5/ 2-STF-5,08
Jan 3, 2023
1836118 PHOENIX-1836118 Datasheet
422Kb / 13P
PCB connector - MC 1,5/ 6-ST-5,08
Jan 3, 2023
1836134 PHOENIX-1836134 Datasheet
422Kb / 13P
PCB connector - MC 1,5/ 8-ST-5,08
Jan 3, 2023
1847437 PHOENIX-1847437 Datasheet
429Kb / 13P
PCB connector - MC 1,5/10-STF-5,08
Jan 10, 2023
1900882 PHOENIX-1900882 Datasheet
427Kb / 13P
PCB connector - MC 1,5/ 2-ST1F-5,08
1900918 PHOENIX-1900918 Datasheet
437Kb / 13P
MC 1,5/ 5-ST1F-5,08 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com