Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS044Q7DH01 Datasheet (PDF) - Azumo, Inc.

LS044Q7DH01 Datasheet PDF - Azumo, Inc.
Part # LS044Q7DH01
Download  LS044Q7DH01 Download
File Size   33184.13 Kbytes
Page   1 Pages
Manufacturer  AZUMO [Azumo, Inc.]
Direct Link  https://www.azumotech.com/
Logo AZUMO - Azumo, Inc.
Description 4.4” Reflective B&W LCD 2.0TM

LS044Q7DH01 Datasheet (PDF)

Go To PDF Page Download Datasheet
LS044Q7DH01 Datasheet PDF - Azumo, Inc.

Part # LS044Q7DH01
Download  LS044Q7DH01 Click to download

File Size   33184.13 Kbytes
Page   1 Pages
Manufacturer  AZUMO [Azumo, Inc.]
Direct Link  https://www.azumotech.com/
Logo AZUMO - Azumo, Inc.
Description 4.4” Reflective B&W LCD 2.0TM

LS044Q7DH01 Datasheet (HTML) - Azumo, Inc.


LS044Q7DH01 Product details

Overview
LCD 2.0 can be used seamlessly in any lighting condition: from dark spaces to bright, direct sunlight.
Sharp's reflective, MIP LCD technology enables Azumo's patented lightguide technology to deliver high
quality images with ultra-low power consumption, extending the battery life of your device. The active
matrix MIP LCD integrated with a highly efficient front light offers a superior user experience for a variety
of applications where outdated, static HMI no longer suffices.




Similar Part No. - LS044Q7DH01

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LS044Q7DH01 SHARP-LS044Q7DH01 Datasheet
441Kb / 8P
The Sharp Memory LCD Suite
logo
Azumo, Inc.
LS044Q7DH01 AZUMO-LS044Q7DH01 Datasheet
250Kb / 1P
4.4” Reflective B&W LCD 2.0TM
06/5/2024
More results


Similar Description - LS044Q7DH01

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ACX705AKM SONY-ACX705AKM Datasheet
143Kb / 20P
6.92cm Diagonal Reflective Color LCD Module
ACX709AKM SONY-ACX709AKM Datasheet
256Kb / 29P
7.60cm Reflective Color LCD Module
ACX709AKN SONY-ACX709AKN Datasheet
207Kb / 29P
7.60cm Reflective Color LCD Module
logo
Tyco Electronics
MAAP-000073-PKG003 MACOM-MAAP-000073-PKG003 Datasheet
278Kb / 9P
Amplifier, Power, 1.0 W 4.4-7.0 GHz
logo
Azumo, Inc.
12376-01_T1 AZUMO-12376-01_T1 Datasheet
417Kb / 1P
Reflective LCD Front Light Dev Kit
LS013B7DH03 AZUMO-LS013B7DH03 Datasheet
204Kb / 1P
1.28” Reflective B&W LCD 2.0TM
05/26/2023
LS013B7DH05 AZUMO-LS013B7DH05 Datasheet
202Kb / 1P
1.26” Reflective B&W LCD 2.0TM
05/24/2023
LS021B7DD02 AZUMO-LS021B7DD02 Datasheet
298Kb / 1P
2.13” Reflective LCD 2.0TM
05/10/2023
LS027B7DH01 AZUMO-LS027B7DH01 Datasheet
736Kb / 1P
2.7” Reflective LCD 2.0TM
12/20/2023
LSO18B7DHO2 AZUMO-LSO18B7DHO2 Datasheet
208Kb / 1P
1.8” Reflective LCD 2.0TM
11/09/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com