Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1913604 Datasheet (PDF) - PHOENIX CONTACT

1913604 Datasheet PDF - PHOENIX CONTACT
Part # 1913604
Download  1913604 Download
File Size   497.01 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PC 6/ 5-STF-10,16 - PCB connector

1913604 Datasheet (PDF)

Go To PDF Page Download Datasheet
1913604 Datasheet PDF - PHOENIX CONTACT

Part # 1913604
Download  1913604 Click to download

File Size   497.01 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PC 6/ 5-STF-10,16 - PCB connector

1913604 Datasheet (HTML) - PHOENIX CONTACT


1913604 Product details

PCB connector, nominal cross section: 6 mm2, color: green, nominal current: 41 A, rated voltage
(III/2): 1000 V, contact surface: Silver, type of contact: Socket, number of potentials: 5, number of
rows: 1, number of positions: 5, number of connections: 5, product range: PC 6/..-STF, pitch: 10.
16 mm, connection method: Screw connection with tension sleeve, screw head form: L Slotted,
conductor/PCB connection direction: 0 °, locking clip: - without locking clip, plug-in system:
COMBICON PC 16, locking: Screw locking, mounting: Screw flange, type of packaging: packed
in cardboard.

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Integrated double steel spring provides additional safety in the event of temperature and power fluctuations
• Screwable flange for superior mechanical stability
• Integrated protective guide prevents incorrect insertion of the conductor underneath the tension sleeve




Similar Part No. - 1913604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1913620 PHOENIX-1913620 Datasheet
83Kb / 5P
Printed-circuit board connector - PC 6/ 7-STF-10,16
1913633 PHOENIX-1913633 Datasheet
514Kb / 12P
PCB connector - PC 6/ 8-STF-10,16
Jan 3, 2023
1913646 PHOENIX-1913646 Datasheet
632Kb / 12P
PCB header - PC 6-16/ 2-G-10,16
Jan 3, 2023
1913659 PHOENIX-1913659 Datasheet
108Kb / 7P
Feed-through header - PC 6-16/ 3-G-10,16
09/12/2020
1913662 PHOENIX-1913662 Datasheet
116Kb / 8P
Feed-through header - PC 6-16/ 4-G-10,16
09/12/2020
More results


Similar Description - 1913604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1967456 PHOENIX-1967456 Datasheet
1Mb / 19P
PCB connector - PC 16/ 2-STF-10,16
Jul 20, 2022
1913581 PHOENIX-1913581 Datasheet
508Kb / 11P
PCB connector - PC 6/ 3-STF-10,16
Jul 21, 2022
1913594 PHOENIX-1913594 Datasheet
493Kb / 11P
PCB connector - PC 6/ 4-STF-10,16
Nov 30, 2022
1711417 PHOENIX-1711417 Datasheet
1Mb / 16P
PCB connector - SPC 16/ 6-STF-10,16
Dec 30, 2022
1913633 PHOENIX-1913633 Datasheet
514Kb / 12P
PCB connector - PC 6/ 8-STF-10,16
Jan 3, 2023
1913536 PHOENIX-1913536 Datasheet
348Kb / 10P
PCB connector - PC 6/ 5-ST-10,16
1967472 PHOENIX-1967472 Datasheet
494Kb / 14P
PCB connector - PC 16/ 4-STF-10,16
1967485 PHOENIX-1967485 Datasheet
494Kb / 14P
PCB connector - PC 16/ 5-STF-10,16
1711404 PHOENIX-1711404 Datasheet
1Mb / 16P
SPC 16/ 5-STF-10,16 - PCB connector
1967498 PHOENIX-1967498 Datasheet
1Mb / 19P
PC 16/ 6-STF-10,16 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com