Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1424103 Datasheet (PDF) - PHOENIX CONTACT

1424103 Datasheet PDF - PHOENIX CONTACT
Part # 1424103
Download  1424103 Download
File Size   570.24 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P-10,0-PUR/M12FRS PE SH - Power cable

1424103 Datasheet (PDF)

Go To PDF Page Download Datasheet
1424103 Datasheet PDF - PHOENIX CONTACT

Part # 1424103
Download  1424103 Click to download

File Size   570.24 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P-10,0-PUR/M12FRS PE SH - Power cable

1424103 Datasheet (HTML) - PHOENIX CONTACT


1424103 Product details

Power cable, 4-position, PUR halogen-free, orange RAL 2003, shielded (Tinned copper-braided
shield, approx. 85% covering), free cable end, on Socket angled M12, coding: S, cable length:
10 m, for AC current up to 12 A/690 V

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Protection against incorrect connection using special S-coding
• Shield power reliably – 360° shielding to reduce electromagnetic loads
• Our standard: robust halogen-free PUR cable




Similar Part No. - 1424103

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1424100 PHOENIX-1424100 Datasheet
566Kb / 19P
SAC-4P- 1,5-PUR/M12FRS PE SH - Power cable
1424102 PHOENIX-1424102 Datasheet
570Kb / 18P
SAC-4P- 5,0-PUR/M12FRS PE SH - Power cable
1424104 PHOENIX-1424104 Datasheet
608Kb / 18P
SAC-4P-M12MSS/ 1,5-PUR PE SH - Power cable
1424105 PHOENIX-1424105 Datasheet
599Kb / 18P
SAC-4P-M12MSS/ 3,0-PUR PE SH - Power cable
1424107 PHOENIX-1424107 Datasheet
588Kb / 18P
SAC-4P-M12MSS/10,0-PUR PE SH - Power cable
More results


Similar Description - 1424103

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1415199 PHOENIX-1415199 Datasheet
103Kb / 5P
Power cable - SAC-4P-MRT/ 10,0-PUR/FRT SCO
1415204 PHOENIX-1415204 Datasheet
110Kb / 5P
Power cable - SAC-4P-MRT/ 5,0-PUR/FRT SH SCO
1415205 PHOENIX-1415205 Datasheet
110Kb / 5P
Power cable - SAC-4P-MRT/ 10,0-PUR/FRT SH SC
1415343 PHOENIX-1415343 Datasheet
66Kb / 4P
Power cable - SAC-4P-20,0-PUR/M12FST SH
1408848 PHOENIX-1408848 Datasheet
157Kb / 11P
Power cable - SAC-4P- 1,0-PUR/M12FRS PE
09/11/2020
1424122 PHOENIX-1424122 Datasheet
155Kb / 9P
Power cable - SAC-4P-M12MST/ 5,0-PUR SH
09/11/2020
1476803 PHOENIX-1476803 Datasheet
1Mb / 8P
SAC-3P-P12MS/10,0-PUR SH - Sensor/actuator cable
1476841 PHOENIX-1476841 Datasheet
313Kb / 7P
SAC-4P-10,0-PUR/P12FS SH - Sensor/actuator cable
1476851 PHOENIX-1476851 Datasheet
318Kb / 7P
SAC-4P-P12MS/10,0-PUR SH - Sensor/actuator cable
1476796 PHOENIX-1476796 Datasheet
391Kb / 8P
SAC-3P-P12MR/10,0-PUR SH - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com