Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1424104 Datasheet (PDF) - PHOENIX CONTACT

1424104 Datasheet PDF - PHOENIX CONTACT
Part # 1424104
Download  1424104 Download
File Size   608.43 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P-M12MSS/ 1,5-PUR PE SH - Power cable

1424104 Datasheet (PDF)

Go To PDF Page Download Datasheet
1424104 Datasheet PDF - PHOENIX CONTACT

Part # 1424104
Download  1424104 Click to download

File Size   608.43 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P-M12MSS/ 1,5-PUR PE SH - Power cable

1424104 Datasheet (HTML) - PHOENIX CONTACT


1424104 Product details

Power cable, 4-position, PUR halogen-free, orange RAL 2003, shielded (Tinned copper-braided
shield, approx. 85% covering), Plug straight M12, coding: S, on free cable end, cable length: 1.5
m, for AC current up to 12 A/690 V

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Protection against incorrect connection using special S-coding
• Our standard: robust halogen-free PUR cable
• Shield power reliably – 360° shielding to reduce electromagnetic loads




Similar Part No. - 1424104

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1424100 PHOENIX-1424100 Datasheet
566Kb / 19P
SAC-4P- 1,5-PUR/M12FRS PE SH - Power cable
1424102 PHOENIX-1424102 Datasheet
570Kb / 18P
SAC-4P- 5,0-PUR/M12FRS PE SH - Power cable
1424103 PHOENIX-1424103 Datasheet
570Kb / 18P
SAC-4P-10,0-PUR/M12FRS PE SH - Power cable
1424105 PHOENIX-1424105 Datasheet
599Kb / 18P
SAC-4P-M12MSS/ 3,0-PUR PE SH - Power cable
1424107 PHOENIX-1424107 Datasheet
588Kb / 18P
SAC-4P-M12MSS/10,0-PUR PE SH - Power cable
More results


Similar Description - 1424104

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1415202 PHOENIX-1415202 Datasheet
110Kb / 5P
Power cable - SAC-4P-MRT/ 1,5-PUR/FRT SH SCO
1423650 PHOENIX-1423650 Datasheet
65Kb / 4P
Power cable - SAC-4P-M12MSS/3,0-PUR/FSSPESH
1423665 PHOENIX-1423665 Datasheet
65Kb / 4P
Power cable - SAC-4P-M12MSS/10,5-PUR/FSSPESH
1521960 PHOENIX-1521960 Datasheet
162Kb / 13P
Sensor/actuator cable - SAC-4P- 1,5-PUR/M 8FR SH
09/11/2020
1476844 PHOENIX-1476844 Datasheet
313Kb / 7P
SAC-4P- 1,5-PUR/P12FS SH - Sensor/actuator cable
1476850 PHOENIX-1476850 Datasheet
318Kb / 7P
SAC-4P-P12MR/ 1,5-PUR SH - Sensor/actuator cable
1476855 PHOENIX-1476855 Datasheet
318Kb / 7P
SAC-4P-P12MS/ 1,5-PUR SH - Sensor/actuator cable
1224173 PHOENIX-1224173 Datasheet
342Kb / 8P
SAC-4P-P12MS/ 1,5-PUR/P12FS SH - Sensor/actuator cable
1224179 PHOENIX-1224179 Datasheet
380Kb / 8P
SAC-4P-P12MS/ 1,5-PUR/P12FR SH - Sensor/actuator cable
1224204 PHOENIX-1224204 Datasheet
380Kb / 8P
SAC-4P-P12MR/ 1,5-PUR/P12FS SH - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com