Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCMD3180 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
PCMD3180 Datasheet PDF - Texas Instruments
Part # PCMD3180
Download  PCMD3180 Download
File Size   5066.07 Kbytes
Page   114 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description PCMD3180-Q1 Octal-Channel, PDM Input to TDM or I2S Output Converter

PCMD3180 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCMD3180 Datasheet PDF - Texas Instruments

Part # PCMD3180
Download  PCMD3180 Click to download

File Size   5066.07 Kbytes
Page   114 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description PCMD3180-Q1 Octal-Channel, PDM Input to TDM or I2S Output Converter

PCMD3180 Datasheet (HTML) - Texas Instruments


PCMD3180 Product details

1 Features
• 8-channel PDM microphones simultaneous
conversion
• PDM input to TDM or I2S output converter
performance:
– 127dB dynamic range (DR) with high
performance 5th order PDM input
– 117dB dynamic range (DR) with high
performance 4th order PDM input
• Channel summing mode, DR performance with
high performance 4th order PDM input:
– 120dB, 2-channel summing
– 123dB, 4-channel summing
• Programmable PDM clock output:
– 768kHz to 6.144MHz
• Programmable output sample rate (fS):
– 8kHz to 768kHz
• Programmable channel settings:
– Digital volume control: –100dB to 27dB
– Gain calibration with 0.1dB resolution
– Phase calibration with 163ns resolution
• Microphone bias or supply voltage generation
• Low-latency signal processing filter selection
• Programmable HPF and biquad digital filters
• I2C or SPI controls
• Integrated high-performance audio PLL
• Automatic clock divider setting configurations
• Audio serial data interface:
– Format: TDM, I2S, or left-justified (LJ)
– Word length: 16 bits, 20 bits, 24 bits, or 32 bits
– Controller or target interface
• Single-supply operation: 3.3V or 1.8V
• I/O-supply operation: 3.3V or 1.8V
• Power consumption for 1.8V supply:
– 2.9mW/channel at 16kHz sample rate
– 2.5mW/channel at 48kHz sample rate

2 Applications
• Video doorbell
• Smart speakers
• Building security gateway
• IP network cameras
• GPS personal navigation device
• Video conference systems

3 Description
The PCMD3180-Q1 is a high-performance, pulsedensity-
modulation (PDM) input to time-division
multiplexing (TDM) or I2S output converter that
supports simultaneous sampling of up to eight digital
channels for the PDM microphone input. The device
integrates programmable digital volume control, a
microphone bias voltage, a phase-locked loop (PLL),
a programmable high-pass filter (HPF), biquad filters,
low-latency filter modes, and allows for output sample
rates up to 768kHz. The device supports time-division
multiplexing (TDM), I2S, or left-justified (LJ) audio
formats, and can be controlled with either the I2C
or SPI interface. Additionally, the PCMD3180-Q1
supports controller and target mode selection for the
audio bus interface operation. These integrated highperformance
features, along with the ability to be
powered from a single-supply of 3.3V or 1.8V, make
the device an excellent choice for space-constrained
audio systems in far-field microphone recording
applications.
The PCMD3180-Q1 is specified from –40°C to 125°C
and is offered in a 24-pin WQFN package.




Similar Part No. - PCMD3180

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCMD3180 TI1-PCMD3180 Datasheet
3Mb / 109P
PCMD3180 Octal-Channel, PDM Input to TDM or I2S Output Converter
PCMD3180IRTWR TI1-PCMD3180IRTWR Datasheet
3Mb / 109P
PCMD3180 Octal-Channel, PDM Input to TDM or I2S Output Converter
PCMD3180IRTWT TI1-PCMD3180IRTWT Datasheet
3Mb / 109P
PCMD3180 Octal-Channel, PDM Input to TDM or I2S Output Converter
More results


Similar Description - PCMD3180

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU7002 AD-ADAU7002 Datasheet
295Kb / 16P
Stereo PDM-to-I2S or TDM Conversion IC
REV. 0
ADAU7002 AD-ADAU7002_16 Datasheet
365Kb / 16P
Stereo PDM-to-I2S or TDM Conversion IC
11/2016-Rev. A to Rev. B
logo
Texas Instruments
PCMD3180 TI1-PCMD3180 Datasheet
3Mb / 109P
PCMD3180 Octal-Channel, PDM Input to TDM or I2S Output Converter
PCMD3140 TI-PCMD3140 Datasheet
4Mb / 107P
PCMD3140 Quad-Channel, PDM Input to TDM or I2S Output Converter
PCMD3140 TI-PCMD3140_V01 Datasheet
4Mb / 106P
PCMD3140 Quad-Channel, PDM Input to TDM or I2S Output Converter
PCMD3140-Q1 TI-PCMD3140-Q1 Datasheet
5Mb / 111P
PCMD3140-Q1 Quad-Channel, PDM Input to TDM or I2S Output Converter
APRIL 2022
PCMD3140-Q1 TI-PCMD3140-Q1_V01 Datasheet
5Mb / 111P
PCMD3140-Q1 Quad-Channel, PDM Input to TDM or I2S Output Converter
REVISED SEPTEMBER 2022
logo
Analog Devices
ADAU7118 AD-ADAU7118 Datasheet
670Kb / 35P
8-Channel, PDM to I2S/TDM Converter
Rev. A
logo
Texas Instruments
TSV911A-Q1 TI-TSV911A-Q1 Datasheet
2Mb / 39P
TSV91xA-Q1 Automotive Rail-to-Rail Input or Output, 8-MHz Operational Amplifiers
REVISED JUNE 2023
TSV911A-Q1 TI1-TSV911A-Q1_V01 Datasheet
2Mb / 42P
TSV91xA-Q1 Automotive Rail-to-Rail Input or Output, 8-MHz Operational Amplifiers
REVISED JUNE 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com