Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1883145 Datasheet (PDF) - PHOENIX CONTACT

1883145 Datasheet PDF - PHOENIX CONTACT
Part # 1883145
Download  1883145 Download
File Size   433.06 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZEC 1,5/ 2-ST-7,5 C2 R1,2 - Printed-circuit board connector

1883145 Datasheet (PDF)

Go To PDF Page Download Datasheet
1883145 Datasheet PDF - PHOENIX CONTACT

Part # 1883145
Download  1883145 Click to download

File Size   433.06 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZEC 1,5/ 2-ST-7,5 C2 R1,2 - Printed-circuit board connector

1883145 Datasheet (HTML) - PHOENIX CONTACT


1883145 Product details

PCB direct plug, nominal cross section: 1.5 mm2, color: green, nominal current: 10 A, rated
voltage (III/2): 630 V, contact surface: Tin, contact connection type: Socket, number of potentials:
2, number of rows: 1, number of positions: 2, number of connections: 2, product range: ZEC 1,5/.
.-ST, pitch: 7.5 mm, connection method: Spring-cage connection, mounting: Direct plug-in
method, conductor/PCB connection direction: 0 °, plug-in system: ZEC, locking: Snap-in locking,
mounting: Self-locking flange, type of packaging: packed in cardboard

Your advantages
• Defined contact force ensures that contact remains stable over the long term
• Inexpensive direct plug-in connection with just one component
• Clamping space opened by means of fixed screwdriver enables convenient conductor connection
• Plug-in direction parallel to the PCB




Similar Part No. - 1883145

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
188314 FESTO-188314 Datasheet
89Kb / 1P
Short-stroke cylinder
More results


Similar Description - 1883145

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1756605 PHOENIX-1756605 Datasheet
90Kb / 3P
Printed-circuit board connector - ZEC 1,5/ 2-ST-5,0 C1,2 R1,2
11/04/2018
1883129 PHOENIX-1883129 Datasheet
127Kb / 6P
Printed-circuit board connector - ZEC 1,5/10-ST-5,0 C2 R1,10
09/12/2020
1883158 PHOENIX-1883158 Datasheet
125Kb / 6P
Printed-circuit board connector - ZEC 1,5/ 3-ST-7,5 C2 R1,3
09/12/2020
1883161 PHOENIX-1883161 Datasheet
125Kb / 6P
Printed-circuit board connector - ZEC 1,5/ 4-ST-7,5 C2 R1,4
09/12/2020
1883174 PHOENIX-1883174 Datasheet
125Kb / 6P
Printed-circuit board connector - ZEC 1,5/ 5-ST-7,5 C2 R1,5
09/12/2020
1883187 PHOENIX-1883187 Datasheet
108Kb / 6P
Printed-circuit board connector - ZEC 1,5/ 6-ST-7,5 C2 R1,6
09/12/2020
1883048 PHOENIX-1883048 Datasheet
452Kb / 11P
Printed-circuit board connector - ZEC 1,5/ 2-ST-5,0 C2 R1,2
Jan 3, 2023
1883093 PHOENIX-1883093 Datasheet
466Kb / 12P
Printed-circuit board connector - ZEC 1,5/ 7-ST-5,0 C2 R1,7
Dec 30, 2022
1883103 PHOENIX-1883103 Datasheet
452Kb / 12P
ZEC 1,5/ 8-ST-5,0 C2 R1,8 - Printed-circuit board connector
1883242 PHOENIX-1883242 Datasheet
438Kb / 12P
ZEC 1,5/12-ST-7,5 C2 R1,12 - Printed-circuit board connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com