Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1845646 Datasheet (PDF) - PHOENIX CONTACT

1845646 Datasheet PDF - PHOENIX CONTACT
Part # 1845646
Download  1845646 Download
File Size   1446.09 Kbytes
Page   23 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MDSTBV 2,5/ 3-GF-5,08 - PCB header

1845646 Datasheet (PDF)

Go To PDF Page Download Datasheet
1845646 Datasheet PDF - PHOENIX CONTACT

Part # 1845646
Download  1845646 Click to download

File Size   1446.09 Kbytes
Page   23 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MDSTBV 2,5/ 3-GF-5,08 - PCB header

1845646 Datasheet (HTML) - PHOENIX CONTACT


1845646 Product details

PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 10 A, rated voltage
(III/2): 320 V, contact surface: Tin, contact connection type: Pin, number of potentials: 6, number
of rows: 2, number of positions: 3, number of connections: 6, product range: MDSTBV 2,5/..-GF,
pitch: 5.08 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.9 mm,
number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin connector
pattern alignment: Standard, locking: Screw locking mechanism, mounting: Threaded flange,
type of packaging: packed in cardboard, The article can be aligned to create different nos. of
positions! In combination with MVSTB or FKCV plug components, both an MVSTBW (or
FKCVW) and an MVSTBR plug (or FKCVR) must be used. Combination with TMSTBP plug
components is not possible!

Your advantages
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Easy PCB replacement thanks to plug-in modules
• Well-known mounting principle allows worldwide use
• Conductor connection on several levels enables higher contact density
• Screwable flange for superior mechanical stability




Similar Part No. - 1845646

ManufacturerPart #DatasheetDescription
logo
Atom Lighting
18456 ATOM-18456 Datasheet
195Kb / 2P
Sanur
22nd of January 2025 08:47:08
logo
PHOENIX CONTACT
1845633 PHOENIX-1845633 Datasheet
273Kb / 14P
Feed-through header - MDSTBV 2,5/ 2-GF-5,08
09/12/2020
1845659 PHOENIX-1845659 Datasheet
1Mb / 23P
MDSTBV 2,5/ 4-GF-5,08 - PCB header
1845662 PHOENIX-1845662 Datasheet
77Kb / 4P
Base strip - MDSTBV 2,5/ 5-GF-5,08
1845662 PHOENIX-1845662 Datasheet
127Kb / 4P
TMSTBP 2,5/ 5-STF-5,08 AU
More results


Similar Description - 1845646

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1763087 PHOENIX-1763087 Datasheet
176Kb / 7P
MDSTBV 2,5/ 3-G-5,08
1845662 PHOENIX-1845662 Datasheet
77Kb / 4P
Base strip - MDSTBV 2,5/ 5-GF-5,08
1800834 PHOENIX-1800834 Datasheet
50Kb / 3P
Base strip - MDSTBV 2,5/ 2-GF-5,08 BK
1845633 PHOENIX-1845633 Datasheet
273Kb / 14P
Feed-through header - MDSTBV 2,5/ 2-GF-5,08
09/12/2020
1777235 PHOENIX-1777235 Datasheet
1Mb / 19P
PCB header - MSTBV 2,5/18-GF-5,08
Jul 21, 2022
1845714 PHOENIX-1845714 Datasheet
571Kb / 17P
PCB header - MDSTBV 2,5/10-GF-5,08
Nov 30, 2022
1924538 PHOENIX-1924538 Datasheet
331Kb / 11P
PCB header - MSTBV 2,5 HC/ 3-GF-5,08
Jan 3, 2023
1825132 PHOENIX-1825132 Datasheet
649Kb / 14P
PCB header - IC 2,5/ 3-GF-5,08
Jan 10, 2023
1845549 PHOENIX-1845549 Datasheet
1Mb / 26P
PCB header - MDSTBV 2,5/ 8-G-5,08
1845730 PHOENIX-1845730 Datasheet
1Mb / 22P
MDSTBV 2,5/12-GF-5,08 - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com