Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1877614 Datasheet (PDF) - PHOENIX CONTACT

1877614 Datasheet PDF - PHOENIX CONTACT
Part # 1877614
Download  1877614 Download
File Size   1358.12 Kbytes
Page   23 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MDSTBA 2,5/ 2-GR-5,08 - PCB header

1877614 Datasheet (PDF)

Go To PDF Page Download Datasheet
1877614 Datasheet PDF - PHOENIX CONTACT

Part # 1877614
Download  1877614 Click to download

File Size   1358.12 Kbytes
Page   23 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MDSTBA 2,5/ 2-GR-5,08 - PCB header

1877614 Datasheet (HTML) - PHOENIX CONTACT


1877614 Product details

PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 10 A, rated voltage
(III/2): 320 V, contact surface: Tin, contact connection type: Pin, number of potentials: 4, number
of rows: 2, number of positions: 2, number of connections: 4, product range: MDSTBA 2,5/..-G,
pitch: 5.08 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.2 mm,
number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin connector
pattern alignment: Standard, locking: without, mounting: without, type of packaging: packed in
cardboard, The article can be aligned to create different nos. of positions! In combination with
MVSTB or FKCV plug components, both an MVSTBW (or FKCVW) and an MVSTBR plug (or
FKCVR) must be used. Combination with TMSTBP plug components is not possible!

Your advantages
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Easy PCB replacement thanks to plug-in modules
• Well-known mounting principle allows worldwide use
• Conductor connection on several levels enables higher contact density




Similar Part No. - 1877614

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1877610000 WEIDMULLER-1877610000 Datasheet
556Kb / 5P
SL-SMT 5.08HC/04/270GH 1.5SN BK RL
More results


Similar Description - 1877614

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1874701 PHOENIX-1874701 Datasheet
80Kb / 5P
Base strip - MDSTBA 2,5/ 3-GR
1874714 PHOENIX-1874714 Datasheet
81Kb / 5P
Base strip - MDSTBA 2,5/ 3-GL-5,08
1874727 PHOENIX-1874727 Datasheet
81Kb / 5P
Base strip - MDSTBA 2,5/ 3-GR-5,08
1847136 PHOENIX-1847136 Datasheet
176Kb / 11P
Feed-through header - MSTBO 2,5/ 5-GR-5,08
09/12/2020
1874769 PHOENIX-1874769 Datasheet
311Kb / 15P
Feed-through header - MDSTBVA 2,5/ 3-GR-5,08
09/12/2020
1877630 PHOENIX-1877630 Datasheet
539Kb / 16P
PCB header - MDSTBVA 2,5/ 2-GR-5,08
Nov 30, 2022
1877627 PHOENIX-1877627 Datasheet
538Kb / 16P
PCB header - MDSTBVA 2,5/ 2-GL-5,08
Jan 3, 2023
1825695 PHOENIX-1825695 Datasheet
651Kb / 14P
PCB header - ICV 2,5/ 2-GF-5,08
Jan 10, 2023
1842144 PHOENIX-1842144 Datasheet
630Kb / 18P
PCB header - MDSTBA 2,5/10-G-5,08
Jan 3, 2023
1938948 PHOENIX-1938948 Datasheet
269Kb / 9P
PCB header - MDSTB 2,5/ 2-G1-5,08
Jan 3, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com