Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC01 Datasheet (PDF) - Carlo Gavazzi Holding AG

PPC01 Datasheet PDF - Carlo Gavazzi Holding AG
Part # PPC01
Download  PPC01 Download
File Size   304.1 Kbytes
Page   6 Pages
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG
Description Monitoring Relays True RMS 3-Phase, 3-PhaseN, Multifunction

PPC01 Datasheet (PDF)

Go To PDF Page Download Datasheet
PPC01 Datasheet PDF - Carlo Gavazzi Holding AG

Part # PPC01
Download  PPC01 Click to download

File Size   304.1 Kbytes
Page   6 Pages
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG
Description Monitoring Relays True RMS 3-Phase, 3-PhaseN, Multifunction

PPC01 Datasheet (HTML) - Carlo Gavazzi Holding AG


PPC01 Product details

• TRMS 3-phase over and under voltage,
phase sequence, phase loss, asymmetry and
tolerance monitoring relay
• Detect when all 3 phases are present and have the
correct sequence
• Detect if all the 3-phase-phase or phase-neutral
voltages are within the set limits
• Detect if asymmetry and tolerance are within the set
value
• Separately adjustable setpoints
• Separately adjustable delay functions (0.1 to 30 s)
• Output: 2 x 8 A relay SPDT NE
• For mounting on DIN-rail in accordance with
DIN/EN 50 022 (DPC01) or plug-in module (PPC01)
• 45 mm Euronorm housing (DPC01) or 36 mm plug-in
module (PPC01)
• LED indication for relays, alarm and power supply ON




Similar Part No. - PPC01

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
PPC ALPHAWIRE-PPC Datasheet
110Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
02/27/2018
logo
Advantech Co., Ltd.
PPC-100 ADVANTECH-PPC-100 Datasheet
274Kb / 2P
5x86-133 Panel PC with 10.4 TFT LCD Display
PPC-100T-BARE ADVANTECH-PPC-100T-BARE Datasheet
274Kb / 2P
5x86-133 Panel PC with 10.4 TFT LCD Display
PPC-100T-BARE-T ADVANTECH-PPC-100T-BARE-T Datasheet
274Kb / 2P
5x86-133 Panel PC with 10.4 TFT LCD Display
PPC-103DC-BBA-TE ADVANTECH-PPC-103DC-BBA-TE Datasheet
360Kb / 2P
10.4 Panel PC with Intel짰 Pentium짰 III/ Celeron짰 Processor
More results


Similar Description - PPC01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DPA01CM44 ETC2-DPA01CM44 Datasheet
115Kb / 3P
Monitoring Relays 3-Phase Sequence and Phase Loss
DPA55CM44 ETC2-DPA55CM44 Datasheet
85Kb / 3P
Monitoring Relays 3-Phase Voltage selection
DPA71DM23 ETC2-DPA71DM23 Datasheet
107Kb / 3P
Monitoring Relays 3-Phase Sequence and Phase Loss
DPB01CM23 ETC2-DPB01CM23 Datasheet
191Kb / 5P
Monitoring Relays True RMS 3-Phase, 3-PhaseN, Multi-function
DPB02CM23 ETC2-DPB02CM23 Datasheet
164Kb / 4P
Monitoring Relays True RMS 3-Phase, Phase Sequence/Loss - Asymmetry
DPB71CM23 ETC2-DPB71CM23 Datasheet
133Kb / 3P
Monitoring Relays True RMS 3-Phase, 3-PhaseN, Multi-function
DWA01CM235A ETC2-DWA01CM235A Datasheet
135Kb / 4P
Monitoring Relays 3-Phase Load Guard
DWB02CM2310A ETC2-DWB02CM2310A Datasheet
189Kb / 6P
Monitoring Relays 3-Phase Active power
logo
Extech Instruments Corp...
382075 EXTECH-382075 Datasheet
258Kb / 1P
3-Phase True RMS Clamp-On Power Analyzer
382075 EXTECH-382075_15 Datasheet
339Kb / 1P
3-Phase True RMS Clamp-On Power Analyzer
More results




About Carlo Gavazzi Holding AG


Carlo Gavazzi Holding AG is a publicly-traded Swiss electronics company that designs, manufactures, and markets a wide range of automation components and systems for industrial and building automation applications. The company was founded in 1931 and is headquartered in Steinhausen, Switzerland.

Carlo Gavazzi's products include sensors, switches, relays, and control components, as well as monitoring and energy management systems for use in industrial and commercial applications. The company's products are used in a variety of industries, including manufacturing, building automation, renewable energy, and transportation.

Carlo Gavazzi also offers engineering and consulting services to help customers optimize their automation systems and improve energy efficiency. The company has a global presence, with operations in Europe, the Americas, and Asia, and sells its products through a network of distributors and partners around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com