Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC01 Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # PPC01
Description  Monitoring Relays True RMS 3-Phase, 3-PhaseN, Multifunction
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

PPC01 Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  PPC01 Datasheet HTML 1Page - Carlo Gavazzi Holding AG PPC01 Datasheet HTML 2Page - Carlo Gavazzi Holding AG PPC01 Datasheet HTML 3Page - Carlo Gavazzi Holding AG PPC01 Datasheet HTML 4Page - Carlo Gavazzi Holding AG PPC01 Datasheet HTML 5Page - Carlo Gavazzi Holding AG PPC01 Datasheet HTML 6Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Specifications are subject to change without notice (06.04.10)
DPC01, PPC01
Power supply
Overvoltage cat. III
Rated operational voltage
(IEC 60664, IEC 60038)
through terminals:
L1, L2, L3, N (DPC01)
5, 6, 7, 11 (PPC01)
M11 - Delta Voltage:
100 to 115VAC ±15%; 45 to 65Hz
M23 - Delta Voltage:
208 to 240VAC ±15%; 45 to 65Hz
DPC01 M48 - Delta Voltage:
380 to 480VAC ±15%;45 to 65Hz
DPC01 M48 - Star Voltage:
220 to 277VAC ±15%;45 to 65Hz
PPC01 M48 - Delta Voltage:
380 to 415VAC ±15%;45 to 65Hz
PPC01 M48 - Star Voltage:
220 to 240VAC ±15%;45 to 65Hz
M48 400HZ - Delta Voltage:
380 to 415VAC ±15%;45 to 440Hz
M48 400 HZ- Star Voltage:
220 to 240VAC ±15%;45 to 440Hz
M49 400HZ - Delta Voltage:
440 to 480VAC ±15%;45 to 440Hz
M49 400 HZ- Star Voltage:
254 to 277VAC ±15%;45 to 440Hz
M69 - Delta Voltage:
600 to 690VAC ±15%;45 to 65Hz
M69 - Star Voltage:
347 to 400VAC ±15%;45 to 65Hz
M69 400HZ- Delta Voltage:
600 to 690VAC ±15%;45 to 440Hz
M69 400HZ- Star Voltage:
347 to 400VAC ±15%;45 to 440Hz
Rated operational power
M11
8 VA @
∆115 VAC, 50 Hz
M23
9 VA @
∆230 VAC, 50 Hz
M48
13 VA @
∆400 VAC, 50 Hz
M69
21 VA @
∆600 VAC, 50 Hz
Supplied by L2 and L3 for
the DIN-rail versions and
by L1 and L2 for the Plug-in
versions
Supply Specifications
Housing
Dimensions
DPC01
45 x 80 x 99.5 mm
PPC01
36 x 80 x 94 mm
Material
PA66 or Noryl
Weight
Approx. 220 g
Screw terminals
(DPC01)
Tightening torque
Max. 0.5 Nm
acc. to IEC 60947
Product standard
EN 60255-6
Approvals
UL, CSA
GL (DPC01 only, except
400Hz, M11)
CE Marking
L.V. Directive 2006/95/EC
EMC Directive 2004/108/EC
EMC
Immunity
According to EN 60255-26
According to EN 61000-6-2
Emissions
According to EN 60255-26
According to EN 61000-6-3
Power ON delay
1 s ± 0.5 s or 6 s ± 0.5 s
Accuracy
(15 min warm-up time)
Temperature drift
± 1000 ppm/°C
Delay ON alarm
± 10% on set value ± 50 ms
Repeatability
± 0.5% on full-scale
Reaction time
Incorrect phase sequence
or total phase loss
< 200 ms
Voltage level
(input signal variation from
-20% to +20% or from
+20% to -20% of set value)
Asymmetry level
Alarm ON delay:
< 200 ms (delay < 0.1 s)
Alarm OFF delay:
< 200 ms (delay < 0.1 s)
Indication for
Power supply ON
LED, green
Alarm ON
LED, red (flashing 2 Hz
during delay time)
Output relays ON
2 x LED, yellow
Environment
(EN 60529)
Degree of protection
IP 20
Pollution degree
3 (DPC01), 2 (PPC01)
Operating temperature
@ Max. voltage, 50 Hz
-20 to +60°C, R.H. < 95%
@ Max. voltage, 60 Hz
-20 to +50°C, R.H. < 95%
Storage temperature
-30 to +80°C, R.H. < 95%
General Specifications
Output
2 x SPDT relays N.E.
Rated insulation voltage
250 VAC
Contact ratings (AgSnO2)µ
Resistive loads
AC 1
8 A @ 250 VAC
DC 12
5 A @ 24 VDC
Small inductive loads AC 15
2.5 A @ 250 VAC
DC 13
2.5 A @ 24 VDC
Mechanical life
≥ 30 x 106 operations
Electrical life
≥ 105 operations
(at 8 A, 250 V, cos
ϕ = 1)
Operating frequency
≤ 7200 operations/h
Dielectric strength
Dielectric voltage
≥ 2 kVAC (rms)
Rated impulse withstand volt. 4 kV (1.2/50 µs)
Output Specifications



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com