Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1190A Datasheet (PDF) - Belden Inc.

1190A Datasheet PDF - Belden Inc.
Part # 1190A
Download  1190A Download
File Size   182.04 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description CATV Video, RG6, 18 AWG BCCS, Quad Shield (Foil 60% Braid Foil 40% Braid), Waterblocked

1190A Datasheet (PDF)

Go To PDF Page Download Datasheet
1190A Datasheet PDF - Belden Inc.

Part # 1190A
Download  1190A Click to download

File Size   182.04 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description CATV Video, RG6, 18 AWG BCCS, Quad Shield (Foil 60% Braid Foil 40% Braid), Waterblocked

1190A Datasheet (HTML) - Belden Inc.


1190A Product details

Product Description
Series 6, 18 AWG solid .040" bare copper-covered steel conductor with Coreguard, gas-injected foam polyethylene insulation, with Coreguard® and flooding
compound, Duobond® IV quad shield (60% and 40% coverage), polyethylene jacket.




Similar Part No. - 1190A

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1190 MOLEX1-1190 Datasheet
149Kb / 3P
2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal, Series 1190, Male, with Tin (Sn) Plated Brass Contact, 14-20 AWG, Reel
1190 MOLEX1-1190 Datasheet
145Kb / 2P
2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal, Series 1190, Male, with Gold (Au) Plated Brass Contact, 14-20 AWG, Reel
logo
Heyco.
1190 HEYCO-1190 Datasheet
198Kb / 1P
Original Strain Relief Bushings
logo
Adafruit Industries
1190 ADAFRUIT-1190 Datasheet
532Kb / 2P
Large Arcade Button with LED - 60mm Red
logo
Molex Electronics Ltd.
1190-L MOLEX1-1190-L Datasheet
144Kb / 2P
2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal, Series 1190,Male, with Selective Gold (Au) Plated Brass Contact, 14-20 AWG, Bag
More results


Similar Description - 1190A

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1194651-7 MACOM-2-1194651-7 Datasheet
113Kb / 1P
SOLDERSLEEVE DEVICE SHIELD TERMINATION WITH BRAID
logo
Belden Inc.
179DT BELDEN-179DT Datasheet
242Kb / 3P
Serial Digital Coax, Ultra-miniature, RG179 Type, 28.5 AWG Solid BC, Foil TC Braid, CMR
1505A BELDEN-1505A Datasheet
251Kb / 4P
Serial Digital Coax, RG59, #20 Solid BC, Foil 95% TC Braid, CMR
1695A BELDEN-1695A Datasheet
246Kb / 4P
Serial Digital Coax, RG6, #18 Solid BC, Foil 95% TC braid, CMP
7731A BELDEN-7731A Datasheet
247Kb / 4P
Serial Digital Coax, RG11, #14 Solid BC, Foil 95% TC braid, CMR
7732A BELDEN-7732A Datasheet
240Kb / 3P
Serial Digital Coax, RG11, #14 Solid BC, Foil 95% TC braid, CMP
183092A BELDEN-183092A Datasheet
246Kb / 3P
ControlNet?? (1) 18 AWG Solid BCCS, FPE/PVC/PVC, FoilAlum Braid Shld, Alum Armor, CL2R, CMR
9613 BELDEN-9613 Datasheet
156Kb / 2P
RS232, #24-8c, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
05-05-2023
9619 BELDEN-9619 Datasheet
164Kb / 2P
RS232, #24-50c, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
9618 BELDEN-9618 Datasheet
169Kb / 2P
RS232, #24-37c, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com