Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCA5192 Datasheet (PDF) - Analog Devices

ADCA5192 Datasheet PDF - Analog Devices
Part # ADCA5192
Download  ADCA5192 Download
File Size   1031.64 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 MHz to 1794 MHz Broadband CATV Amplifier

ADCA5192 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADCA5192 Datasheet PDF - Analog Devices

Part # ADCA5192
Download  ADCA5192 Click to download

File Size   1031.64 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 MHz to 1794 MHz Broadband CATV Amplifier

ADCA5192 Datasheet (HTML) - Analog Devices


ADCA5192 Product details

GENERAL DESCRIPTION
The ADCA5192 is a low power, low noise gain block amplifier that
provides excellent linearity across a flexible bias range allowing
power efficient design implementation for various applications.
The device provides 17.0 dB of flat gain up to 1794 MHz, making
this ideal for Data Over Cable Service Interface Specification (DOCSIS
®) 4.0 downstream applications. The device is also well suited
for upstream applications to 684 MHz as an input or intermediate
stage. The device is conveniently packaged in an industry-standard,
20-lead, 4 mm × 4 mm lead frame chip-scale package (LFCSP)
with an exposed pad on the bottom of the package for improved
thermal performance.
FEATURES
► Highly flexible: bias at 5 V from 500 mW to 1.5 W for downstream
applications, or as low as 250 mW for upstream applications
► Excellent linearity: NPR (MER) > 50 dB over broad input power
range
► High gain: 17.0 dB at 1794 MHz
► Low noise figure (includes input balun and trace losses)
► 1.7 dB at 108 MHz
► 2.9 dB at 1794 MHz
► Excellent S11 return losses:
► −20 dB from 108 MHz to 1218 MHz
► −19 dB from 1218 MHz to 1794 MHz
► 20-lead, 4 mm × 4 mm LFCSP
APPLICATIONS
► 54 MHz to 1794 MHz CATV infrastructure amplifier systems
► 5 MHz to 684 MHz upstream
► Remote physical layer (PHY)
► DOCSIS 3.1 and DOCSIS 4.0 compliant




Similar Part No. - ADCA5192

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCA5190 AD-ADCA5190 Datasheet
883Kb / 22P
5 MHz to 1800 MHz Broadband CATV Amplifier
Rev. 0
ADCA5190-EVALZ AD-ADCA5190-EVALZ Datasheet
883Kb / 22P
5 MHz to 1800 MHz Broadband CATV Amplifier
Rev. 0
ADCA5190ACPZ AD-ADCA5190ACPZ Datasheet
883Kb / 22P
5 MHz to 1800 MHz Broadband CATV Amplifier
Rev. 0
ADCA5190ACPZ-R7 AD-ADCA5190ACPZ-R7 Datasheet
883Kb / 22P
5 MHz to 1800 MHz Broadband CATV Amplifier
Rev. 0
ADCA5191 AD-ADCA5191 Datasheet
967Kb / 24P
5 MHz to 1800 MHz Broadband CATV Amplifier
Rev. 0
More results


Similar Description - ADCA5192

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAFLCT0032 MACOM-MAFLCT0032 Datasheet
158Kb / 4P
Broadband CATV Diplexer 5 - 1000 MHz
MAAMSS0042 MACOM-MAAMSS0042 Datasheet
157Kb / 4P
Broadband CATV Amplifier 50 - 1000 MHz
MAFLCT0006 MACOM-MAFLCT0006 Datasheet
120Kb / 3P
Broadband CATV Diplexer 5 - 870 MHz
MAFLES0018 MACOM-MAFLES0018 Datasheet
142Kb / 4P
Broadband CATV Diplexer 5 - 1000 MHz
MAFLES0118 MACOM-MAFLES0118 Datasheet
118Kb / 3P
Broadband CATV Diplexer 5 - 870 MHz
logo
M/A-COM Technology Solu...
MAAMSS0031 MA-COM-MAAMSS0031 Datasheet
168Kb / 4P
Broadband CATV Amplifier 50 - 1000 MHz
MAAMSS0041 MA-COM-MAAMSS0041 Datasheet
169Kb / 4P
Broadband CATV Amplifier 50 - 1000 MHz
MAAMSS0042 MA-COM-MAAMSS0042 Datasheet
158Kb / 4P
Broadband CATV Amplifier 50 - 1000 MHz
logo
Analog Devices
ADCA5191 AD-ADCA5191 Datasheet
967Kb / 24P
5 MHz to 1800 MHz Broadband CATV Amplifier
Rev. 0
ADCA5190 AD-ADCA5190 Datasheet
883Kb / 22P
5 MHz to 1800 MHz Broadband CATV Amplifier
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com