Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAC1 Datasheet (PDF) - Murata Power Solutions Inc.

BAC1 Datasheet PDF - Murata Power Solutions Inc.
Part # BAC1
Download  BAC1 Download
File Size   873.55 Kbytes
Page   14 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Isolated 1W Regulated Single Output AC/DC Converters

BAC1 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAC1 Datasheet PDF - Murata Power Solutions Inc.

Part # BAC1
Download  BAC1 Click to download

File Size   873.55 Kbytes
Page   14 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Isolated 1W Regulated Single Output AC/DC Converters

BAC1 Datasheet (HTML) - Murata Power Solutions Inc.


BAC1 Product details

UL62368-1 recognized
EN62368-1 certified
IEC61558-1 certified
ANSI/AAMI ES60601-1, 1 MOPP/2 MOOP’s
recognition pending
Wide input voltage range 85-305VAC/
70-400VDC
Operating temperature range –40°C to 85°C
4kVAC isolation ‘Hi Pot Test’
5V, 12V & 24V single regulated outputs
Short circuit protection
No optocoupler
Low standby power




Similar Part No. - BAC1

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
BAC10 MURATA-PS-BAC10 Datasheet
651Kb / 12P
Isolated 10W Regulated Single Output AC/DC Converters
2021
BAC10S03DC MURATA-PS-BAC10S03DC Datasheet
651Kb / 12P
Isolated 10W Regulated Single Output AC/DC Converters
2021
BAC10S05DC MURATA-PS-BAC10S05DC Datasheet
651Kb / 12P
Isolated 10W Regulated Single Output AC/DC Converters
2021
BAC10S12DC MURATA-PS-BAC10S12DC Datasheet
651Kb / 12P
Isolated 10W Regulated Single Output AC/DC Converters
2021
BAC10S24DC MURATA-PS-BAC10S24DC Datasheet
651Kb / 12P
Isolated 10W Regulated Single Output AC/DC Converters
2021
More results


Similar Description - BAC1

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
Isolated 1W Single Output DC-DC Converters
NMF CANDD-NMF Datasheet
116Kb / 2P
Isolated 1W Regulated Single Output DC-DC Converters
logo
List of Unclassifed Man...
NMF0505DC ETC2-NMF0505DC Datasheet
450Kb / 4P
Isolated 1W Regulated Single Output DC/DC Converters
logo
Microdc power Technolog...
B-XN1S-1W MICRODC-B-XN1S-1W Datasheet
1Mb / 5P
Isolated 1W Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NMR MURATA-NMR_12 Datasheet
209Kb / 5P
Isolated 1W Single Output DC/DC Converters
NME0505DC MURATA-NME0505DC Datasheet
188Kb / 5P
Isolated 1W Single Output DC/DC Converters
logo
Microdc power Technolog...
B-XD MICRODC-B-XD Datasheet
713Kb / 4P
Isolated 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPF TOPPOWER-TPF Datasheet
655Kb / 3P
1W 3KVDC Isolated Regulated Single Output DC/DC Converters
TPE1-3KVDC TOPPOWER-TPE1-3KVDC Datasheet
188Kb / 3P
1W Isolated Single Output DC/DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
Isolated 1W Single Output Isolated DC-DC Converters
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com