Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAC10 Datasheet (PDF) - Murata Power Solutions Inc.

BAC10 Datasheet PDF - Murata Power Solutions Inc.
Part # BAC10
Download  BAC10 Download
File Size   651.74 Kbytes
Page   12 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Isolated 10W Regulated Single Output AC/DC Converters

BAC10 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAC10 Datasheet PDF - Murata Power Solutions Inc.

Part # BAC10
Download  BAC10 Click to download

File Size   651.74 Kbytes
Page   12 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Isolated 10W Regulated Single Output AC/DC Converters

BAC10 Datasheet (HTML) - Murata Power Solutions Inc.


BAC10 Product details

UL62368-1 recognised
EN62368-1 certified
IEC61558-1 recognition pending
ANSI/AAMI ES60601-1, 1 MOPP/2 MOOP’s
recognition pending
Wide input voltage range 85-264VAC/
120-370VDC
Operating temperature range –40°C to 85°C
4.25kVDC isolation ‘Hi Pot Test’
3.3V, 5V, 12V & 24V single regulated
outputs
Over current protection
Short circuit protection
Meets EMC class B with no external
components




Similar Part No. - BAC10

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
BAC1 MURATA-PS-BAC1 Datasheet
873Kb / 14P
Isolated 1W Regulated Single Output AC/DC Converters
2021
logo
Bookham, Inc.
BAC110C BOOKHAM-BAC110C Datasheet
562Kb / 4P
110W 10xxnm High Power Laser Diode Bar on Microchannel Cooler
BAC110C-1030-01 BOOKHAM-BAC110C-1030-01 Datasheet
562Kb / 4P
110W 10xxnm High Power Laser Diode Bar on Microchannel Cooler
BAC110C-1030-02 BOOKHAM-BAC110C-1030-02 Datasheet
562Kb / 4P
110W 10xxnm High Power Laser Diode Bar on Microchannel Cooler
BAC120C BOOKHAM-BAC120C Datasheet
261Kb / 4P
120W 9xxnm High Power Laser Diode Bar on Microchannel Cooler
More results


Similar Description - BAC10

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NCX10S CANDD-NCX10S Datasheet
837Kb / 5P
Isolated 10W Single Output DC/DC Converters
NMF CANDD-NMF Datasheet
116Kb / 2P
Isolated 1W Regulated Single Output DC-DC Converters
NPH10S CANDD-NPH10S Datasheet
103Kb / 2P
Isolated 10W Single Output DC/DC Converters
logo
List of Unclassifed Man...
NMF0505DC ETC2-NMF0505DC Datasheet
450Kb / 4P
Isolated 1W Regulated Single Output DC/DC Converters
logo
Mean Well Enterprises C...
NSD10-S MEANWELL-NSD10-S_10 Datasheet
212Kb / 2P
10W DC-DC Regulated Single Output
NSD10-S MEANWELL-NSD10-S_11 Datasheet
212Kb / 2P
10W DC-DC Regulated Single Output
logo
Murata Manufacturing Co...
NPH10S2405IC MURATA-NPH10S2405IC Datasheet
281Kb / 8P
Isolated 10W Single Output DC/DC Converters
logo
GAPTEC Electronic GmbH ...
10ACBE GAPTEC-10ACBE Datasheet
2Mb / 5P
10W - Single/Dual Output AC-DC Converter - Universal Input - Isolated & Regulated
10ACM GAPTEC-10ACM Datasheet
2Mb / 7P
10W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
10DRW4 GAPTEC-10DRW4 Datasheet
2Mb / 5P
10W - Single Output - Wide Input - Isolated & Regulated
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com