Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX23C1024 Datasheet (PDF) - Macronix International

MX23C1024 Datasheet PDF - Macronix International
Part # MX23C1024
Download  MX23C1024 Download
File Size   106.83 Kbytes
Page   7 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description 1M-BIT [64K x 16] CMOS MASK ROM

MX23C1024 Datasheet (PDF)

Go To PDF Page Download Datasheet
MX23C1024 Datasheet PDF - Macronix International

Part # MX23C1024
Download  MX23C1024 Click to download

File Size   106.83 Kbytes
Page   7 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description 1M-BIT [64K x 16] CMOS MASK ROM

MX23C1024 Datasheet (HTML) - Macronix International


MX23C1024 Product details

GENERAL DESCRIPTION
The MX23C1024 is a 5V only, 1M-bit, Read Only Memory. It is organized as 64Kx16 bit. MX23C1024 has a static standby mode, and has an access time of 120/150/200ns. It is designed to be compatible with all microprocessors and similar applications in which high performance, large bit storage and simple interfacing are important design considerations.

FEATURES
• 64K x 16 organization (JEDEC pin out)
• Single +5V power supply
• Fast access time: 120/150/200ns
• Totally static operation
• Completely TTL compatible
• Operating current: 60mA
• Standby current: 100uA
• Package
    - 40 pin DIP (600 mil)
    - 44 pin PLCC




Similar Part No. - MX23C1024

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23C1010 MCNIX-MX23C1010 Datasheet
116Kb / 7P
1M-BIT MASK ROM (8 BIT OUTPUT)
MX23C1010MC-10 MCNIX-MX23C1010MC-10 Datasheet
116Kb / 7P
1M-BIT MASK ROM (8 BIT OUTPUT)
MX23C1010MC-12 MCNIX-MX23C1010MC-12 Datasheet
116Kb / 7P
1M-BIT MASK ROM (8 BIT OUTPUT)
MX23C1010MC-15 MCNIX-MX23C1010MC-15 Datasheet
116Kb / 7P
1M-BIT MASK ROM (8 BIT OUTPUT)
MX23C1010MC-45 MCNIX-MX23C1010MC-45 Datasheet
116Kb / 7P
1M-BIT MASK ROM (8 BIT OUTPUT)
More results


Similar Description - MX23C1024

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23C8000 MCNIX-MX23C8000 Datasheet
637Kb / 11P
8M-BIT [1M x 8] CMOS MASK ROM
logo
List of Unclassifed Man...
MX23C4096 ETC-MX23C4096 Datasheet
53Kb / 6P
4M-BIT [256K x 16] CMOS MASK ROM
logo
Toshiba Semiconductor
TC531001 TOSHIBA-TC531001 Datasheet
235Kb / 5P
1M BIT (128K WORD x 8 BIT) CMOS MASK ROM
logo
AMIC Technology
A23L0616 AMICC-A23L0616 Datasheet
259Kb / 11P
1M X 16 / 2M X 8 BIT CMOS MASK ROM
A23L3616 AMICC-A23L3616 Datasheet
193Kb / 10P
8M X 16 / 16M X 8 BIT CMOS MASK ROM
A23L8316 AMICC-A23L8316 Datasheet
221Kb / 12P
256K X 16 / 512K X 8 BIT CMOS MASK ROM
A23L9316 AMICC-A23L9316 Datasheet
260Kb / 11P
512K X 16 / 1M X 8 BIT CMOS MASK ROM
logo
List of Unclassifed Man...
TC531024P-12 ETC1-TC531024P-12 Datasheet
226Kb / 5P
1M BIT (65536 WORD X 16 BIT) CMOS MASK ROM
logo
AMIC Technology
A23L0616 AMICC-A23L0616_15 Datasheet
172Kb / 10P
1M X 16 / 2M X 8 BIT CMOS MASK ROM
A23L2616 AMICC-A23L2616_15 Datasheet
160Kb / 11P
4M X 16 / 8M X 8 BIT CMOS MASK ROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com