Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX23C1024 Datasheet(PDF) 2 Page - Macronix International

Part # MX23C1024
Description  1M-BIT [64K x 16] CMOS MASK ROM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX23C1024 Datasheet(HTML) 2 Page - Macronix International

  MX23C1024 Datasheet HTML 1Page - Macronix International MX23C1024 Datasheet HTML 2Page - Macronix International MX23C1024 Datasheet HTML 3Page - Macronix International MX23C1024 Datasheet HTML 4Page - Macronix International MX23C1024 Datasheet HTML 5Page - Macronix International MX23C1024 Datasheet HTML 6Page - Macronix International MX23C1024 Datasheet HTML 7Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
P/N:PM0189
REV. 1.3, JAN. 29, 1999
MX23C1024
ABSOLUTE MAXIMUM RATINGS
RATING
VALUE
Ambient Operating Temperature
0°C to 70°C
Storage Temperature
-65°C to 125°C
Applied Input Voltage
-0.5V to 7.0V
Applied Output Voltage
-0.5V to 7.0V
VCC to Ground Potential
-0.5V to 7.0V
DC CHARACTERISTICS (Ta = 0°C ~ 70°C, VCC = 5V±10%)
Item
Symbol
MIN.
MAX.
Conditions
Output High Voltage
VOH
2.4V
-
IOH = -1.0mA
Output Low Voltage
VOL
-
0.4V
IOL = 2.1mA
Input High Voltage
VIH
2.2V
VCC+0.3V
Input Low Voltage
VIL
-0.3V
0.8V
Input Leakage Current
ILI
-10uA
10uA
VIN=0 to 5.5V
Output Leakage Current
ILO
-10uA
10uA
VOUT=0 to 5.5V
Power-Down Supply Current
ICC3
-
100uA
CE>VCC-0.2V
Standby Supply Current
ICC2
-
1.5mA
CE = VIH
Operating Supply Current
ICC1
-
60mA
Note 1
Note:
Stress greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This
is a stress rating only and functional operation of the device
at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Ex-
posure to absolute maximum rating conditions for extended
period may affect reliability.
CAPACITANCE (Ta = 25°C, f=1.0MHz (Note 2))
Item
Symbol
TYP.
MAX.
UNIT
Conditions
Input Capacitance
CIN
8
12
pF
VIN=0V
Output Capacitance
COUT
8
12
pF
VOUT=0V
INDEX



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com