Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMR20-1-ACV-R-C Datasheet (PDF) - Murata Power Solutions Inc.

DMR20-1-ACV-R-C Datasheet PDF - Murata Power Solutions Inc.
Part # DMR20-1-ACV-R-C
Download  DMR20-1-ACV-R-C Download
File Size   1235.6 Kbytes
Page   4 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Self-Powered, 85 to 264Vac, LED Display Line Monitor

DMR20-1-ACV-R-C Datasheet (PDF)

Go To PDF Page Download Datasheet
DMR20-1-ACV-R-C Datasheet PDF - Murata Power Solutions Inc.

Part # DMR20-1-ACV-R-C
Download  DMR20-1-ACV-R-C Click to download

File Size   1235.6 Kbytes
Page   4 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Self-Powered, 85 to 264Vac, LED Display Line Monitor

DMR20-1-ACV-R-C Datasheet (HTML) - Murata Power Solutions Inc.


DMR20-1-ACV-R-C Product details

Universal 85 to 264Vac measurement range
Self-powered directly from the AC supply
Installs in “oiltight”1.20 inch (30.5mm) round cutouts
Four-digit LED display with overvoltage indication
Reads true-rms value to 0.1V resolution
Knockout punches and tooling available
Digital replacement for analog panel meters
Screw-style terminal block simplifies installation
Self-resetting internal fuse for long-term reliability
Provides moisture resistance to IP67/NEMA 6
Supplied with EPDM rubber gasket and plastic hex nut
Approvals to UL/cUL/IEC/ 61010-1




Similar Part No. - DMR20-1-ACV-R-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DMR20-1-ACV MURATA-DMR20-1-ACV Datasheet
590Kb / 4P
85 to 264Vac, LED Display Line Monitor
More results


Similar Description - DMR20-1-ACV-R-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMS-20PC-1-LM MURATA-PS-DMS-20PC-1-LM Datasheet
267Kb / 2P
Self-Powered 3 Digit, LED Display AC Line Voltage Monitors
logo
Murata Manufacturing Co...
DMS20-FM MURATA-DMS20-FM Datasheet
122Kb / 2P
Self-Powered, 3-Digit LED Display AC Line Frequency Monitors
DMS-LM2 MURATA-DMS-LM2 Datasheet
172Kb / 2P
Self-Powered LED Display High-Voltage, 50/60/400Hz AC Line Monitor
DMS-LM3 MURATA-DMS-LM3 Datasheet
172Kb / 2P
Self-Powered LED Display 480V AC Line Monitor
logo
Murata Power Solutions ...
DMS-20PC-3-DCM MURATA-PS-DMS-20PC-3-DCM Datasheet
191Kb / 2P
2 to 11Vdc, Self-Powered LED Display, DC Voltage Monitor
DMS-20PC-4-DCM MURATA-PS-DMS-20PC-4-DCM Datasheet
192Kb / 2P
Self-Powered LED Display, Negative Input DC Voltage Monitor
DMS-20PC-7-DCM MURATA-PS-DMS-20PC-7-DCM Datasheet
191Kb / 2P
36 to 75Vdc, Self-Powered LED Display, DC Voltage Monitor
logo
Murata Manufacturing Co...
DMR20-1-ACV MURATA-DMR20-1-ACV Datasheet
590Kb / 4P
85 to 264Vac, LED Display Line Monitor
logo
RUBYCON CORPORATION
PSW60 RUBYCON-PSW60_15 Datasheet
200Kb / 2P
85 to 264VAC universal input
MSW60 RUBYCON-MSW60 Datasheet
137Kb / 2P
85 to 264VAC universal input
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com