Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMR20-1-ACV-R-C Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # DMR20-1-ACV-R-C
Description  Self-Powered, 85 to 264Vac, LED Display Line Monitor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMR20-1-ACV-R-C Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  DMR20-1-ACV-R-C Datasheet HTML 1Page - Murata Power Solutions Inc. DMR20-1-ACV-R-C Datasheet HTML 2Page - Murata Power Solutions Inc. DMR20-1-ACV-R-C Datasheet HTML 3Page - Murata Power Solutions Inc. DMR20-1-ACV-R-C Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Murata Power Solutions’ new DMR20-1-ACV self-powered, AC line-voltage monitors are
designed to measure and display the true-rms voltage of AC power systems. Simply con-
nect any 85 to 264Vac 50/60Hz power source and these meters are fully operational—no
additional components or power sources are required. The unit can also measure distorted
AC power sources including triangle, square, and the quasi-sine output of many DC to AC
power inverters.
The DMR20-1-ACV is housed in a rugged, round polycarbonate case that provides excellent
protection against moisture, dust, shock and vibration. Panel installation is straightforward:
Using readily available tooling, simply drill and punch a 1.2 inch (30.5mm) diameter hole and
anti-rotation notch, insert the meter and gasket, and securely fasten the meter using the sup-
plied hex nut. The supplied hardware is designed to provide protection to IP67/NEMA 6.
Their large, 0.30"/7.6mm, bright LED displays can be easily read from 10 feet away (3
meters). These meters accurately display ac voltages with 0.1V resolution. A built-in reset-
table fuse assures long term reliability. All DMR20-1-ACVs employ a 13-bit A/D converter
and precision metal-film resistors to achieve outstanding performance over an operating
temperature range of –25 to +60°C.
➀ Operation and accuracy at inputs above or below these ranges are not specified.
Performance/Functional Specifications
Typical at Ta = +25°C, Vin = 250Vac / 60Hz sine wave, unless
otherwise noted
AC Input (TB1)
Voltage Range
➀
85 to 264Vac (47-63 Hz)
Current Consumption
@Vin = 250Vac: 30mA (max.)
@Vin = 120Vac: 15mA (max.)
UL/IEC61010-1
Measurement Category II
Performance
Sampling Rate
2.5 readings/second
Resolution
0.1Vac
Accuracy @ +25°C
±0.6Vac (typ.), ±1.3Vac (max.)
Temperature Drift
(–25 to +60°C) ±0.05V/°C (max.)
Mechanical
Dimensions
1.50"diameter x 1.15 depth"
(38.1 x 29.2mm)
Display Type
Four digit, LED, 0.30" high (7.6mm)
Weight
0.8 ounce (23 grams)
Case Material
Polycarbonate
Terminal Block Torque
2.2 lb·in (0.25 N·m) ±20%
Wire Size And Type
18-22AWG (0.83-0.33mm2) copper,
solid or stranded
Wire Insulation Strip Length 0.25" (6.4mm)
Environmental
Operating Temperature
–25 to +60°C
Storage Temperature
–40 to +75°C
Humidity (non-condensing) 0 to 85%
Ordering Information
DMR20-1-ACV-R-C 85 to 264Vac voltage monitor (Red LED)
Knockout Punches
DMR20-1-KP
1.2" (30.5mm) Round knockout punch
(no keying notch)
DMR20-2-KP
1.2" (30.5mm) Round knockout punch
(with four keying notches)
DMR20-3-KP
1/8" and 3/16" (3.2 and 4.7mm)
key-notch nibbler tool
Note: An M30 x 1.5 nylon hex nut and EPDM sealing gasket are supplied with each
meter. The “-C” suffix denotes RoHS compliance.
E156931
www.murata-ps.com
www.murata-ps.com/support
For full details go to
www.murata-ps.com/rohs
DMR20-1-ACV
Self-Powered,
85 to 264Vac, LED Display Line Monitor
MPM_DMR20-1-ACV.B03 Page 1 of 4
NANO
FEATURES
„ Universal 85 to 264Vac measurement range
„ Self-powered directly from the AC supply
„ Installs in “oiltight”1.20 inch (30.5mm) round cutouts
„ Four-digit LED display with overvoltage indication
„ Reads true-rms value to 0.1V resolution
„ Knockout punches and tooling available
„ Digital replacement for analog panel meters
„ Screw-style terminal block simplifies installation
„ Self-resetting internal fuse for long-term reliability
„ Provides moisture resistance to IP67/NEMA 6
„ Supplied with EPDM rubber gasket and plastic hex nut
„ Approvals to UL/cUL/IEC/ 61010-1


Similar Part No. - DMR20-1-ACV-R-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DMR20-1-ACV MURATA-DMR20-1-ACV Datasheet
590Kb / 4P
85 to 264Vac, LED Display Line Monitor
More results

Similar Description - DMR20-1-ACV-R-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMS-20PC-1-LM MURATA-PS-DMS-20PC-1-LM Datasheet
267Kb / 2P
Self-Powered 3 Digit, LED Display AC Line Voltage Monitors
logo
Murata Manufacturing Co...
DMS20-FM MURATA-DMS20-FM Datasheet
122Kb / 2P
Self-Powered, 3-Digit LED Display AC Line Frequency Monitors
DMS-LM2 MURATA-DMS-LM2 Datasheet
172Kb / 2P
Self-Powered LED Display High-Voltage, 50/60/400Hz AC Line Monitor
DMS-LM3 MURATA-DMS-LM3 Datasheet
172Kb / 2P
Self-Powered LED Display 480V AC Line Monitor
logo
Murata Power Solutions ...
DMS-20PC-3-DCM MURATA-PS-DMS-20PC-3-DCM Datasheet
191Kb / 2P
2 to 11Vdc, Self-Powered LED Display, DC Voltage Monitor
DMS-20PC-4-DCM MURATA-PS-DMS-20PC-4-DCM Datasheet
192Kb / 2P
Self-Powered LED Display, Negative Input DC Voltage Monitor
DMS-20PC-7-DCM MURATA-PS-DMS-20PC-7-DCM Datasheet
191Kb / 2P
36 to 75Vdc, Self-Powered LED Display, DC Voltage Monitor
logo
Murata Manufacturing Co...
DMR20-1-ACV MURATA-DMR20-1-ACV Datasheet
590Kb / 4P
85 to 264Vac, LED Display Line Monitor
logo
RUBYCON CORPORATION
PSW60 RUBYCON-PSW60_15 Datasheet
200Kb / 2P
85 to 264VAC universal input
MSW60 RUBYCON-MSW60 Datasheet
137Kb / 2P
85 to 264VAC universal input
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com